Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 55 of 128
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
Higher value input capacitors help reduce the input voltage
ripple and improve transient response. To minimize supply
noise, place the input capacitors as close as possible to the
PVINx pins. The voltage rating of the input capacitors must
be greater than the maximum input voltage.
Input Capacitor Selection for the Buck Regulators
The input capacitors reduce the input voltage ripple caused by
the switch current on the power input pins. The loop composed
of the input capacitor, the high-side MOSFET, and the low-side
MOSFET must be kept as small as possible. A ceramic capacitor
with low ESR from 10 μF to 47 μF is recommended. Ensure that
the rms current rating of the input capacitor is larger than the
value calculated from the following equation:
__
_
(1
)
CIN RMS BUCK
OUT BUCK
BUCK
BUCK
I
I
DD
=
×
×−
where
ICIN_RMS_BUCK is the rms current through the buck input capacitor.
IOUT_BUCK is the output current of the buck.
DBUCK is the duty cycle of buck regulator (DBUCK =
VOUT_BUCK/VIN_BUCK).
Input Capacitor Selection for the Boost Regulator
Because the input current of the boost regulator is continuous,
and the switch current on the power input pin is low, there are
no strict constraints on the input capacitor for the boost regulator.
A typical 10 μF ceramic capacitor with a voltage rating higher
than the input voltage is recommended.
Input Capacitor Selection for the LDO Regulators
Connect at least a 1 μF ceramic capacitor with low ESR from
PVINx pins to GND to reduce the circuit sensitivity to the PCB
layout, especially when long input traces or high source impedance
are encountered. If an output capacitance greater than 1 μF is
required, increase the input capacitor to match the capacitance.
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current.
Using a small inductor value leads to a faster transient response
but degrades efficiency because of a larger inductor ripple current.
Using a large inductor value leads to smaller ripple current and
better efficiency but results in a slower transient response.
Inductor Selection for the Buck Regulators
An inductor ranging from 0.33 µH to 1 µH is recommended for
the best balance between transient and efficiency performance.
The inductor ripple current, ΔIL_BUCK, is typically set to one-
third of the maximum load current.
Use the following equation to calculate the inductor value:
__
_
()
IN BUCK
OUT BUCK
BUCK
BUCK
L BUCK
SW
VV
D
L
If
−×
=
∆×
where:
VIN_BUCK is the input voltage of buck regulator.
VOUT_BUCK is the output voltage of buck regulator.
ΔIL_BUCK is the inductor current ripple of buck regulator.
fSW is the switching frequency.
Use the following equation to calculate the peak inductor
current:
_
__
2
L BUCK
PEAK BUCK
OUT BUCK
I
II
∆
=
+
where:
IPEAK_BUCK is the peak inductor current of the buck.
The saturation current of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a quick
saturation characteristic, the saturation current rating of the
inductor must be higher than the current-limit threshold of the
buck regulator to prevent the inductor from reaching saturation.
Use the following equation to calculate the rms current of the
inductor (IRMS_BUCK
):
IRMS_BUCK =
12
2
_
2
_
BUCK
L
BUCK
OUT
I
I
∆
+
Shielded ferrite core materials are recommended for low core
loss and low EMI.
Inductor Selection for the Boost Regulator
An inductor from 2.2 µH to 10 µH is recommended for optimal
balance between transient and efficiency performance. The
inductor ripple current, ΔIL_BOOST, is typically set to 1/3 of the
average inductor current, IAVE_BOOST as follows:
_
_
1
OUT BOOST
AVE BOOST
BOOST
I
I
D
=
−
where:
IOUT_BOOST is the output current of the boost regulator.
DBOOST is the duty cycle of the boost regulator.
__
_
OUT BOOST
IN BOOST
BOOST
OUT BOOST
VV
D
V
−
=
Use the following equation to calculate the inductor value:
_
_
IN BOOST
BOOST
BOOST
L BOOST
SW
VD
L
If
×
=
∆×
where:
VIN_BOOST is the input voltage of boost regulator.
As the boost ratio increases (higher duty cycle), the average
inductor current increases dramatically. Ensure that the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com