Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 52 of 128
•
Entering peripheral error mode when the peripheral ramp
up times out (tEXP3) or when an overvoltage or
undervoltage event occurs on Regulator 3, Regulator 4,
Regulator 6, Regulator 7, Regulator 8, or Regulator 9.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH occurs.
During peripheral ramp-up mode, Regulator 3, Regulator 4,
Regulator 6, Regulator 7, Regulator 8, and Regulator 9 power
up in a fixed sequence. The FAULT and the STATUS pins keep
low, while the RESET pin is pulled high after a tHOLD delay time.
Normal Mode
A condition for entering normal mode when VAVIN > VAVIN_UVLO_R,
VAVDD > VAVDD_UVLO_R, and VEN > VEN_R is from the peripheral
ramp-up mode when peripheral ramp-up mode completes.
The conditions to exit normal mode include the following:
•
Entering power-down mode when receiving an SPI_CMD1
command.
•
Entering standby mode when receiving a standby mode
(SPI_CMD2) command.
•
Entering system error mode when an overvoltage or
undervoltage event occurs on Regulator 1, Regulator 2,
Regulator 5, Regulator 10, Regulator 11, or Regulator 12,
and the fault event is not masked in the OV_RST_MASK
register or the UV_RST_MASK register, when SEQ is low,
when an undervoltage event occurs on the VIO pin, and
the fault event is not masked in the UV_RST_MASK
register, or when a fault occurs on one of the watchdogs
(WD0, WD1, or QA_WD), and the fault is not masked in
the TRANSITION_MASK register.
•
Entering peripheral error mode when an overvoltage or
undervoltage event occurs on Regulator 3, Regulator 4,
Regulator 6, Regulator 7, Regulator 8, or Regulator 9, and the
fault event is not masked in the OV_FAULT_MASK register
or UV_FAULT_MASK register, or when a fault occurs on
one of the watchdogs (WD0, WD1, or QA_WD), and the
fault is not masked in the TRANSITION_MASK register.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH occurs.
During normal mode, all power rails are turned on, and all
functions are active except for the WAKE function. WD0, WD1,
and the sequenced QA watchdog can be enabled in normal
mode. Different events are mapped to the RESET, FAULT, and
STATUS pins according to the SPI register configurations.
Power-Down Mode
The conditions to enter power-down mode when VAVIN >
VAVIN_UVLO_R, VAVDD > VAVDD_UVLO_R, and VEN > VEN_R include the
following:
•
Entering power-down mode from normal mode when
receiving an SPI_CMD1 command.
•
Entering power-down mode from peripheral error mode
when receiving an SPI_CMD1 command or when
peripheral error counter (PER_EC) ≥ peripheral error
counter threshold (NEC_P).
•
Entering power-down mode from system error mode when
SYS_EC ≥ NEC_S.
The conditions to exit power-down mode include the following:
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH occurs.
During power-down mode, all power rails power down in a
fixed sequence and stay in this mode. SYS_EC and PER_EC
reset. The ADP5140 monitors the input voltage and the die
temperature. The RESET, FAULT, and STATUS pins keep low.
System Error Mode
The conditions to enter system error mode when VAVIN >
VAVIN_UVLO_R, VAVDD > VAVDD_UVLO_R, and VEN > VEN_R include the
following:
•
Entering system error mode from self check mode when
self check mode times out (tEXP1).
•
Entering system error mode from system ramp-up mode
when the system ramp-up times (tEXP2), when an overvoltage
or undervoltage event occurs on Regulator 1, Regulator 2,
Regulator 5, Regulator 10, Regulator 11, or Regulator 12,
or when an overvoltage event occurs on Regulator 1,
Regulator 2, Regulator 5, Regulator 10, Regulator 11, or
Regulator 12, and the fault event is not masked in the
OV_RST_MASK register.
•
Entering system error mode from peripheral ramp-up
mode when an overvoltage or undervoltage event occurs
on Regulator 1, Regulator 2, Regulator 5, Regulator 10,
Regulator 11, or Regulator 12, and the fault event is not
masked in the OV_RST_MASK register or the UV_RST_
MASK register, when SEQ is low, when an undervoltage
event occurs on the VIO pin, and the fault event is not
masked in the UV_RST_MASK register, or when a fault
occurs on one of the watchdogs (WD0, WD1, or QA_WD),
and the fault is not masked in the TRANSITION_MASK
register.
•
Entering system error mode from normal mode when an
overvoltage or undervoltage event occurs on Regulator 1,
Regulator 2, Regulator 5, Regulator 10, Regulator 11, or
Regulator 12, and the fault event is not masked in the
OV_RST_MASK register or the UV_RST_MASK register,
when SEQ is low, or when an undervoltage occurs on the
VIO pin, and the fault event is not masked in the UV_RST_
MASK register, or when a fault occurs on one of the
watchdogs (WD0, WD1, or QA_WD), and the fault is not
masked in the TRANSITION_MASK register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com