Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 73Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 74Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 75Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 76Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 77Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 78Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 79Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 80Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 77 of 128
Bits
Bit Name
Description
Reset
Access
23
WDI1_PULSE_FAIL_LATCH
Latch the Pulse Monitor Fail Event on the WDI1 Pin.
0x0
R
0: no pulse fail occurred on the WDI1 pin.
1: pulse fail occurred on the WDI1 pin.
22
WDI0_PULSE_FAIL_LATCH
Latch the Pulse Monitor Fail Event on the WDI0 Pin.
0x0
R
0: no pulse fail occurred on the WDI0 pin.
1: pulse fail occurred on the WDI0 pin.
21
CLKM_FAIL_LATCH
Latch the Clock Fail Event.
0x0
R
0: no clock fail occurred.
1: clock failed occurred.
20
SHR_CRC_FAIL_LATCH
Latch the CRC Error Event in the Shadow Register.
0x0
R
0: no CRC error occurred.
1: CRC error occurred.
19
SHR_ECC_FAIL_LATCH
Latch the ECC Two Bits Error Event in the Shadow Register.
0x0
R
0: no two bits ECC error occurred.
1: two bits ECC error occurred.
18
STATUS_EXT_FAIL_LATCH
Latch the External Fail Event on the STATUS Pin.
0x0
R
0: no output pin fail occurred on the STATUS Pin.
1: output pin fail occurred on the STATUS Pin.
17
FAULT_EXT_FAIL_LATCH
Latch the External Fail Event on the FAULT Pin.
0x0
R
0: no output pin fail occurred on the FAULT Pin.
1: pin fail occurred on the FAULT Pin.
16
RESET_EXT_FAIL_LATCH
Latch the External Fail Event on the RESET Pin.
0x0
R
0: no output pin fail occurred on the RESET Pin.
1: output pin fail occurred on the RESET Pin.
[15:9]
RESERVED
Reserved.
0x0
R
8
SPI_FMT_ERR_LATCH
Latch the SPI Format Error.
0x0
R
0: no format error occurred.
1: format error occurred.
7
SPI_RDD_ERR_LATCH
Latch the SPI Redundant Error.
0x0
R
0: no redundant error occurred.
1: redundant error occurred.
6
SPI_CLK_ERR_LATCH
Latch the SPI Clock Error.
0x0
R
0: no clock error occurred.
1: clock error occurred.
5
SPI_ACCESS_FAIL_LATCH
Latch the SPI Accessed Unlocked Register Fail.
0x0
R
0: no accessed fail occurred.
1: SPI access unlocked register fail occurred.
4
SPI_ADDR_FAIL_LATCH
Latch the SPI Accessed Address Fail Event.
0x0
R
0: no address fail occurred.
1: SPI accessed wrong address occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com