Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 21Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 22Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 23Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 24Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 25Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 26Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 27Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 28Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Data Sheet
ADFS7124-8
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 25 of 93
Figure 58. Peak-to-Peak Resolution vs. Output Data Rate, Sinc4 + Sinc1 Filter
(Low Power Mode)
Figure 59. Peak-to-Peak Resolution vs. Output Data Rate, Sinc3 + Sinc1 Filter
(Low Power Mode)
0
50
100
150
200
250
300
350
400
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
WAIT TIME IN STANDBY MODE (Seconds)
GAIN = 1, LOW POWER
GAIN = 8, LOW POWER
GAIN = 16, LOW POWER
GAIN = 1, MID POWER
GAIN = 8, MID POWER
GAIN = 16, MID POWER
GAIN = 1, FULL POWER
GAIN = 8, FULL POWER
GAIN = 16, FULL POWER
Figure 60. Analog Current vs. Wait Time in Standby Mode, ADC in Single
Conversion Mode (50 SPS)
0
5
10
15
20
25
30
35
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
WAIT TIME IN STANDBY MODE (Seconds)
GAIN = 1, LOW POWER
GAIN = 8, LOW POWER
GAIN = 16, LOW POWER
GAIN = 1, MID POWER
GAIN = 8, MID POWER
GAIN = 16, MID POWER
GAIN = 1, FULL POWER
GAIN = 8, FULL POWER
GAIN = 16, FULL POWER
Figure 61. Digital Current vs. Wait Time in Standby Mode, ADC in Single
Conversion Mode (50 SPS)
0
200
400
600
800
1000
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
ANALOG INPUT VOLTAGE (V)
LOW POWER, EXTERNAL REF
MID POWER, EXTERNAL REF
FULL POWER, EXTERNAL REF
LOW POWER INTERNAL REF
MID POWER, INTERNAL REF
FULL POWER, INTERNAL REF
Figure 62. RMS Noise vs. Analog Input Voltage for the Internal Reference and
External Reference (Gain = 32, 50 SPS)
–3
–2
–1
0
1
2
3
4
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
29 UNITS
Figure 63. Internal Oscillator Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com