Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 92 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 92 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 89Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 90Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 91Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 92Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 92 of 93
Table 75. Filter Register Bit Descriptions (Continued)
Bits
Bit Name
Description
011 = reserved.
100 = fast settling filter using the sinc4 filter. The sinc4 filter is followed by an averaging block, which results in a settling time equal to
the conversion time. In full power and mid power modes, averaging by 16 occurs whereas averaging by 8 occurs in low power mode.
101 = fast settling filter using the sinc3 filter. The sinc3 filter is followed by an averaging block, which results in a settling time equal to
the conversion time. In full power and mid power modes, averaging by 16 occurs whereas averaging by 8 occurs in low power mode.
110 = reserved.
111 = post filter enabled. The ADFS7124-8 includes several post filters, selectable using the POST_FILTER bits. The post filters have
single cycle settling, the settling time being considerably better than a simple sinc3/sinc4 filter. These filters offer excellent 50 Hz and
60 Hz rejection.
20
REJ60
When this bit is set, a first order notch is placed at 60 Hz when the first notch of the sinc filter is at 50 Hz. This allows simultaneous 50
Hz and 60 Hz rejection.
19:17
POST_FILTER
Post filter type select bits. When the filter bits are set to 1, the sinc3 filter is followed by a post filter that offers good 50 Hz and 60 Hz
rejection at output data rates that have zero latency approximately.
POST_FILTER
Output Data Rate (SPS)
Rejection at 50 Hz and 60 Hz ± 1 Hz (dB)
000
Reserved
Not applicable
010
Reserved
Not applicable
010
27.27
47
011
25
62
100
Reserved
Not applicable
101
20
86
110
16.7
92
111
Reserved
Not applicable
16
SINGLE_CYCLE
Single cycle conversion enable bit. When this bit is set, the ADFS7124-8 settles in one conversion cycle so that it functions as a zero
latency ADC. This bit has no effect when multiple analog input channels are enabled or when the single conversion mode is selected.
When the fast filters are used, this bit has no effect.
15:11
0
These bits must be programmed with a Logic 0 for correct operation.
10:0
FS[10:0]
Filter output data rate select bits. These bits set the output data rate of the sinc3 filter, sinc4 filter, and fast settling filters. In addition,
they affect the position of the first notch of the sinc filter and the cutoff frequency. In association with the gain selection, they also
determine the output noise and, therefore, the effective resolution of the device (see noise tables). FS can have a value from 1 to
2047.
OFFSET REGISTERS
RS[5:0] = 1, 0, 1, 0, 0, 1 to 1, 1, 0, 0, 0, 0
Power-On/Reset = 0x800000
The ADFS7124-8 has eight offset registers, OFFSET_0 to OFFSET_7. Each offset register is associated with a setup; OFFSET_x is associated
with Setup x. The offset registers are 24-bit registers and hold the offset calibration coefficient for the ADC and its power-on reset value is
0x800000. Each of these registers is a read/write register. These registers are used in conjunction with the associated gain register to form a
register pair. The power-on reset value is automatically overwritten if an internal or system zero-scale calibration is initiated. The ADC must be
placed in the standby mode or idle mode when writing to the offset registers.
GAIN REGISTERS
RS[5:0] = 1, 1, 0, 0, 0, 1 to 1, 1, 1, 0, 0, 0
Power-On/Reset = 0x5XXXXX
The ADFS7124-8 has eight gain registers, GAIN_0 to GAIN_7. Each gain register is associated with a setup; GAIN_x is associated with Setup
x. The gain registers are 24-bit registers and hold the full-scale calibration coefficient for the ADC. The ADFS7124-8 is factory calibrated
to a gain of 1. The gain register contains this factory generated value on power-on and after a reset. The gain registers are read/write
registers. However, when writing to the registers, the ADC must be placed in the standby mode or idle mode. The default value is automatically
overwritten if an internal or system full-scale calibration is initiated or the full-scale registers are written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com