Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 47 of 93
PROGRAMMABLE GAIN AMPLIFIER (PGA)
When the gain stage is enabled, the output from the multiplexer
is applied to the input of the PGA. The presence of the PGA
means that signals of small amplitude can be gained within the
ADFS7124-8 and still maintain excellent noise performance.
BUF
BUF
ANALOG
BUFFERS
PGA2
PGA1
24-BIT
Σ-Δ ADC
Figure 74. Programmable Gain Amplifier (PGA)
The ADFS7124-8 can be programmed to have a gain of 1, 2, 4,
8, 16, 32, 64, or 128 by using the PGA bits in the configuration
register (see Table 49). The PGA consists of two stages. For a gain
of 1, both stages are bypassed. For gains of 2 to 8, a single stage is
used, whereas for gains greater than 8, both stages are used.
The analog input range is ±VREF/gain. Therefore, with an external
2.5 V reference, the unipolar ranges are from 0 mV to 19.53 mV to
0 V to 2.5 V, and the bipolar ranges are from ±19.53 mV to ±2.5
V. For high reference values, for example, VREF = AVDD, the analog
input range must be limited. Consult the Specifications section for
more details on these limits.
REFERENCE
The ADFS7124-8 has an embedded 2.5 V reference. The embed-
ded reference is a low noise, low drift reference with 15 ppm/°C
drift maximum. Including the reference on the ADFS7124-8 reduces
the number of external components needed in applications such as
thermocouples, leading to a reduced PCB size.
BAND GAP
REF
24-BIT
Σ-Δ ADC
REFIN1(+)
REFOUT
REFIN1(–)
REFIN2(+)
REFIN2(–)
AVDD
AVSS
AVSS
REFERENCE
BUFFERS
Figure 75. Reference Connections
This reference can be used to supply the ADC (by setting the
REF_EN bit in the ADC_CONTROL register to 1) or an external
reference can be applied. For external references, the ADC has
a fully differential input capability for the channel. In addition, the
user can select one of two external reference options (REFIN1 or
REFIN2). The reference source for the ADFS7124-8 is selected
using the REF_SEL bits in the configuration register (see Table 49).
When the internal reference is selected, it is internally connected to
the modulator. It can also be made available on the REFOUT pin.
A 0.1 µF decoupling capacitor is required on REFOUT when the
internal reference is active.
The common-mode range for the differential reference inputs is
from AVSS − 50 mV to AVDD + 50 mV when the reference buffers
are disabled. The reference inputs can also be buffered on-chip.
The buffers require 100 mV of headroom. The reference voltage
of REFIN (REFINx(+) − REFINx(−)) is 2.5 V nominal, but the
ADFS7124-8 is functional with reference voltages from 0.5 V to
AVDD.
In applications where the excitation (voltage or current) for the
transducer on the analog input also drives the reference voltage for
the devices, the effect of the low frequency noise in the excitation
source is removed, because the application is ratiometric. If the
ADFS7124-8 is used in nonratiometric applications, use a low noise
reference.
The recommended 2.5 V reference voltage sources for the
ADFS7124-8 include the ADR4525, which is a low noise, low power
reference. Note that the reference input provides a high impedance,
dynamic load when unbuffered. Because the input impedance of
each reference input is dynamic, resistor/capacitor combinations
on these inputs can cause DC gain errors if the reference inputs
are unbuffered, depending on the output impedance of the source
driving the reference inputs.
Reference voltage sources typically have low output impedances
and are, therefore, tolerant to having decoupling capacitors on
REFINx(+) without introducing gain errors in the system. Deriving
the reference input voltage across an external resistor means that
the reference input sees a significant external source impedance. In
this situation, using the reference buffers is required.
REFINx(+)
1µF
4.7µF
ADR4525
2.5V REF
REFINx(–)
0.1µF
4.7µF
3V
Figure 76. ADR4525 to ADFS7124-8 Connections
BIPOLAR/UNIPOLAR CONFIGURATION
The analog input to the ADFS7124-8 can accept either unipolar or
bipolar input voltage ranges, which allows the user to tune the ADC
input range to the sensor output range. When a split power supply
is used, the device accepts truly bipolar inputs. When a single
power supply is used, a bipolar input range does not imply that the
device can tolerate negative voltages with respect to system AVSS.
Unipolar and bipolar signals on the AINP input are referenced to
the voltage on the AINM input. For example, if AINM is 1.5 V and
the ADC is configured for unipolar mode with a gain of 1, the input
voltage range on the AINP input is 1.5 V to 3 V when VREF =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com