Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 84 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 84 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 80Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 81Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 82Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 83Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 84Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 84 of 93
Table 68. IO_CONTROL_1 Register Bit Descriptions (Continued)
Bits
Bit Name
Description
16
GPIO_CTRL1
Digital Output P1 enable. When GPIO_CTRL1 is set, the digital output P1 is active. When GPIO_CTRL1 is cleared, the pin
functions as analog input pin AIN2.
15
PDSW
Bridge power-down switch control bit. Set this bit to close the bridge power-down switch PDSW to AGND. The switch can sink up
to 30 mA. Clear this bit to open the bridge power-down switch. When the ADC is placed in standby mode, the bridge power-down
switch remains active.
14
0
This bit must be programmed with a Logic 0 for correct operation.
13:11
IOUT1
These bits set the value of the excitation current for IOUT1.
000 = off.
001 = 50 µA.
010 = 100 µA
011 = 250 µA.
100 = 500 µA.
101 = 750 µA.
110 = 1000 µA
111 = 0.1 µA.
10:8
IOUT0
These bits set the value of the excitation current for IOUT0.
000 = off.
001 = 50 µA.
010 = 100 µA
011 = 250 µA.
100 = 500 µA.
101 = 750 µA.
110 = 1000 µA
111 = 0.1 µA.
7:4
IOUT1_CH
Channel select bits for the excitation current for IOUT1.
0000 = IOUT1 is available on the AIN0 pin.
0001 = IOUT1 is available on the AIN1 pin.
0010 = IOUT1 is available on the AIN2 pin.
0011 = IOUT1 is available on the AIN3 pin.
0100 = IOUT1 is available on the AIN4 pin.
0101 = IOUT1 is available on the AIN5 pin.
0110 = IOUT1 is available on the AIN6 pin.
0111 = IOUT1 is available on the AIN7 pin.
1000 = IOUT1 is available on the AIN8 pin.
1001 = IOUT1 is available on the AIN9 pin.
1010 = IOUT1 is available on the AIN10 pin.
1011 = IOUT1 is available on the AIN11 pin.
1100 = IOUT1 is available on the AIN12 pin.
1101 = IOUT1 is available on the AIN13 pin.
1110 = IOUT1 is available on the AIN14 pin.
0111 = IOUT1 is available on the AIN15 pin.
3:0
IOUT0_CH
Channel select bits for the excitation current for IOUT0.
0000 = IOUT0 is available on the AIN0 pin.
0001 = IOUT0 is available on the AIN1 pin.
0010 = IOUT0 is available on the AIN2 pin.
0011 = IOUT0 is available on the AIN3 pin.
0100 = IOUT0 is available on the AIN4 pin.
0101 = IOUT0 is available on the AIN5 pin.
0110 = IOUT0 is available on the AIN6 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com