Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 16Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 17Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 18Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 19Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 20Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 21Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 22Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 23Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Data Sheet
ADFS7124-8
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 20 of 93
25
20
15
10
5
0
INITIAL ACCURACY (V)
109 UNITS
Figure 28. Internal Reference Voltage Histogram
2.4965
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
30 UNITS
Figure 29. Internal Reference Voltage vs. Temperature
25
20
15
10
5
0
EXCITATION CURRENT ACCURACY (%)
109 UNITS
Figure 30. IOUTx Current Initial Accuracy Histogram (500 µA)
Figure 31. IOUTx Current Initial Matching Histogram (500 µA)
460
465
470
475
480
485
490
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
29 UNITS
Figure 32. Excitation Current Drift (500 µA)
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
29 UNITS
Figure 33. Excitation Current Drift Matching (500 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com