Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADFS7124-8BBCPZ Datasheet HTML 1Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 2Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 3Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 4Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 5Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 6Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
Data Sheet
ADFS7124-8
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and
Reference
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Functional safety approved to SC3 by TÜV Rheinland, File
Number 968/FSP 2188.01/23
►
Three power modes
►
RMS noise
►
Low power: 24 nV rms at 1.17 SPS, gain = 128 (255 µA
typical)
►
Mid power: 20 nV rms at 2.34 SPS, gain = 128 (355 µA
typical)
►
Full power: 23 nV rms at 9.4 SPS, gain = 128 (930 µA typical)
►
Up to 22 noise free bits in all power modes (gain = 1)
►
Output data rate
►
Full power: 9.38 SPS to 19,200 SPS
►
Mid power: 2.34 SPS to 4800 SPS
►
Low power: 1.17 SPS to 2400 SPS
►
Rail-to-rail analog inputs for gains > 1
►
Simultaneous 50 Hz/60 Hz rejection at 25 SPS (single cycle
settling)
►
Diagnostic functions (which aid safe integrity level (SIL) certifica-
tion)
►
Crosspoint multiplexed analog inputs
►
8 differential/15 pseudodifferential inputs
►
Programmable gain (1 to 128)
►
Band gap reference with 15 ppm/°C drift maximum (70 µA)
►
Matched programmable excitation currents
►
Internal clock oscillator
►
On-chip bias voltage generator
►
Low-side power switch
►
General-purpose outputs
►
Multiple filter options
►
Internal temperature sensor
►
Self and system calibration
►
Sensor burnout detection
►
Automatic channel sequencer
►
Per channel configuration
►
Power supply: 2.7 V to 3.6 V and ±1.8 V
►
Independent interface power supply
►
Power-down current: 5 µA maximum
►
Temperature range: −40°C to +125°C
►
32-lead LFCSP
►
3-wire or 4-wire serial interface
►
SPI, QSPI™, MICROWIRE™, and DSP compatible
►
Schmitt trigger on SCLK
►
ESD: 4 kV
APPLICATIONS
►
Temperature measurement
►
Pressure measurement
►
Industrial process control
►
Instrumentation
►
Smart transmitters
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADFS7124-8BBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4BBCPZ AD-ADFS7124-4BBCPZ Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4BBCPZ-RL7 AD-ADFS7124-4BBCPZ-RL7 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results

Similar Description - ADFS7124-8BBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com