Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 56Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 57Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 58Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 55 of 93
Table 54. Filter Registers
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x21 to
0x28
FILTER_0 to
FILTER_7
Filter
REJ60
POST_FILTER
SINGLE_CYCLE
0x060180
RW
0
FS[10:8]
FS[7:0]
The ADFS7124-8 offers a great deal of flexibility in the digital filter.
The device has several filter options. The option selected affects
the output data rate, settling time, and 50 Hz and 60 Hz rejection.
The following sections describe each filter type, indicating the
available output data rates for each filter option. The filter response
along with the settling time and 50 Hz and 60 Hz rejection is also
discussed.
The filter bits in the filter register select between the sinc type filter.
SINC4 FILTER
When the ADFS7124-8 is powered up, the sinc4 filter is selected
by default. This filter gives excellent noise performance over the
complete range of output data rates. It also gives the best 50 Hz/ 60
Hz rejection, but it has a long settling time. In Figure 81, the blocks
shown in gray are unused.
SINC3 /SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER
Figure 81. Sinc4 Filter
Sinc4 Output Data Rate/Settling Time
The output data rate (the rate at which conversions are available on
a single channel when the ADC is continuously converting) is equal
to:
fADC = fCLK/(32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controller clock frequency (614.4 kHz in full power mode,
153.6 kHz in mid power mode, and 76.8 kHz in low power mode).
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the filter
register. FS[10:0] can have a value from 1 to 2047.
The output data rate can be programmed from:
►
9.38 SPS to 19,200 SPS for full power mode
►
2.35 SPS to 4800 SPS for mid power mode
►
1.17 SPS to 2400 SPS for low power mode
The settling time for the sinc4 filter is equal to:
tSETTLE = (4 × 32 × FS[10:0] + Dead Time)/fCLK
where, Dead Time = 61 when FS[10:0] = 1 and 95 when FS[10:0] >
1
When a channel change occurs, the modulator and filter are reset.
The settling time is allowed to generate the first conversion after the
channel change. Subsequent conversions on this channel occur at
1/fADC.
CONVERSIONS
CHANNEL A
CHANNEL
CHANNEL B
CH A CH A
CH A
CH B CH B
CH B
1/fADC
DT/
fCLK
NOTES
1. DT = DEAD TIME.
Figure 82. Sinc4 Channel Change
When conversions are performed on a single channel and a step
change occurs, the ADC does not detect the change in the analog
input. Therefore, it continues to output conversions at the program-
med output data rate. However, it is at least four conversions later
before the output data accurately reflects the analog input. If the
step change occurs while the ADC is processing a conversion, then
the ADC takes five conversions after the step change to generate a
fully settled result.
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
1/fADC
Figure 83. Asynchronous Step Change in the Analog Input
Table 55 gives some examples of the relationship between the
values in the FS[10:0] bits and the corresponding output data rate
and settling time.
Table 55. Examples of Output Data Rates and the Corresponding Settling
Times for the Sinc4 Filter
Power Mode
FS[10:0]
Output Data Rate
(SPS)
Settling Time
(ms)
Full Power (fCLK =
614.4 kHz)
1920
10
400.15
384
50
80.15
320
60
66.82
Mid Power (fCLK =
153.6 kHz)
480
10
400.61
96
50
80.61
80
60
67.28
Low Power (fCLK =
76.8 kHz)
240
10
401.22
48
50
81.22
40
60
67.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com