Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 79 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 79 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 78Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 79Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 80Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 81Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 82Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 79 of 93
The ADC is controlled and configured through a number of on-chip registers described in the following sections. In the following descriptions,
'set' implies a Logic 1 state and 'cleared' implies a Logic 0 state, unless otherwise noted.
Table 63. Register Summary
Addr. Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
COMMS
WEN
R/W
RS[5:0]
0x00
W
0x00
Status
RDY
ERROR_FLA
G
0
POR_FLAG
CH_ACTIVE
0x00
R
0x01
ADC_
CONTROL
0
DOUT_RDY_
DEL
CONT_READ
DATA_STATUS CS_EN
REF_EN
0x0000
RW
POWER_MODE
Mode
CLK_SEL
0x02
Data
Data [23:16]
0x000000 R
Data [15:8]
Data [7:0]
0x03
IO_
CONTROL_
1
GPIO_DAT4
GPIO_DAT3
GPIO_DAT2
GPIO_DAT1
GPIO_CTRL4
GPIO_CTRL3
GPIO_CTRL2 GPIO_CTRL
1
0x000000 RW
PDSW
0
IOUT1
IOUT0
IOUT1_CH
IOUT0_CH
0x04
IO_
CONTROL_
2
VBIAS15
VBIAS14
VBIAS13
VBIAS12
VBIAS11
VBIAS10
VBIAS9
VBIAS8
0x0000
RW
VBIAS7
VBIAS6
VBIAS5
VBIAS4
VBIAS3
VBIAS2
VBIAS1
VBIAS0
0x05
ID
DEVICE_ID
SILICON_REVISION
0x17
R
0x06
Error
0
LDO_CAP_ER
R
ADC_CAL_ER
R
ADC_CONV_
ERR
ADC_SAT_E
RR
0x000000 R
AINP_OV_ER
R
AINP_UV_ER
R
AINM_OV_ER
R
AINM_UV_
ERR
REF_DET_ER
R
0
DLDO_PSM_
ERR
0
ALDO_PSM_
ERR
SPI_IGNORE
_ ERR
SPI_SCLK_CN
T_ ERR
SPI_READ_
ERR
SPI_WRITE_
ERR
SPI_CRC_ER
R
MM_CRC_E
RR
ROM_CRC_
ERR
0x07
ERROR_E
N
0
MCLK_CNT_
EN
LDO_CAP_CH
K_TEST_EN
LDO_CAP_CHK
ADC_CAL_ER
R_ EN
ADC_CONV_
ERR_EN
ADC_SAT_
ERR_EN
0x000040 RW
AINP_OV_ER
R_EN
AINP_UV_ER
R_EN
AINM_OV_ER
R_ EN
AINM_UV_
ERR_EN
REF_DET_ER
R_ EN
DLDO_PSM_
TRIP_TEST_E
N
DLDO_PSM_
ERR_EN
ALDO_PSM_
TRIP_TEST_
EN
ALDO_PSM_
ERR_EN
SPI_IGNORE
_ ERR_EN
SPI_SCLK_CN
T_ ERR_EN
SPI_READ_
ERR_EN
SPI_WRITE_
ERR_EN
SPI_CRC_ER
R_EN
MM_CRC_E
RR_ EN
ROM_CRC_
ERR_EN
0x08
MCLK_
COUNT
MCLK_COUNT
0x00
R
0x09
to
0x18
CHANNEL_
0 to
CHANNEL_
15
Enable
Setup
0
AINP[4:3]
0x80011
RW
AINP[2:0]
AINM[4:0]
0x19
to
0x20
CONFIG_0
to
CONFIG_7
0
Bipolar
Burnout
REF_BUFP
0x0860
RW
REF_BUFM
AIN_BUFP
AIN_BUFM
REF_SEL
PGA
0x21
to
0x28
FILTER_0
to
FILTER_7
Filter
REJ60
POST_FILTER
SINGLE_CY
CLE
0x060180 RW
0
FS[10:8]
FS[7:0]
0x29
to
0x30
OFFSET_0
to
OFFSET_7
Offset [23:16]
0x800000 RW
Offset [15:8]
Offset [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com