Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 15Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 16Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 17Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 18Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 19Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 20Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 21Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 22Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
Data Sheet
ADFS7124-8
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 93
–40 –25 –10
5
20
35
50
65
80
95
110 125
–60
–40
–20
0
20
40
60
TEMPERATURE (°C)
100 UNITS
Figure 22. Input Referred Offset Error vs. Temperature (Gain = 1, Analog
Input Buffers Enabled)
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
56 UNITS
Figure 23. Input Referred Gain Error vs. Temperature (Gain = 1)
–0.010
–0.005
0
0.005
0.010
0.015
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
56 UNITS
Figure 24. Input Referred Gain Error vs. Temperature (Gain = 8)
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
56 UNITS
Figure 25. Input Referred Gain Error vs. Temperature (Gain = 16)
–2
–1
0
1
2
3
–3
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
ANALOG INPUT VOLTAGE × GAIN (V)
GAIN = 1
GAIN = 8
GAIN = 16
Figure 26. INL vs. Differential Input Signal (Analog Input × Gain), ODR = 50
SPS, External 2.5 V Reference
–4
–3
–2
–1
0
1
2
3
4
–2.5
–1.5
–0.5
0.5
1.5
2.5
ANALOG INPUT VOLTAGE × GAIN (V)
GAIN = 1
GAIN = 8
GAIN = 16
Figure 27. INL vs. Differential Input Signal (Analog Input × Gain), ODR = 50
SPS, Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com