Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 42 of 93
Diagnostics
The ERROR_EN register enables and disables the numerous diag-
nostics on the ADFS7124-8. By default, the SPI_IGNORE function
is enabled, which indicates inappropriate times to write to the
ADC (for example, during power-up and during a reset). Other
diagnostics include:
►
SPI read and write checks, which ensure that only valid registers
are accessed.
►
SCLK counter, which ensures that the correct number of SCLK
pulses are used.
►
SPI CRC
►
Memory map CRC
►
LDO checks
When a diagnostic is enabled, the corresponding flag is contained
in the error register. All enabled flags are OR’ed to control the ERR
flag in the status register. Thus, if an error occurs (for example, the
SPI CRC check detects an error), the relevant flag (for example,
the SPI_CRC_ERR flag) in the error register is set. The ERR flag
in the status register is also set. This is useful when the status
bits are appended to conversions. The ERR bit indicates if an error
occurred. Then read the error register for more details on the error
source.
The frequency of the on-chip oscillator can also be monitored
on the ADFS7124-8. The MCLK_COUNT register monitors the
master clock pulses. Table 44 to Table 46 give more details on the
diagnostic registers. See the Diagnostics section for more details
on the diagnostics available.
ADC Control Register
The ADC control register configures the core peripherals for use
by the ADFS7124-8 and the mode for the digital interface. The
power mode (full power, mid power, or low power) is selected
through this register. Also, the mode of operation is selected, for
example, continuous conversion or single conversion. The user can
also select the standby and power-down modes, as well as any of
the calibration modes. In addition, this register contains the clock
source select bits and internal reference enable bits. The reference
select bits are contained in the setup configuration registers (see
the ADC Setups section for more information).
The digital interface operation is also selected through the ADC
control register. This register allows the user to enable the data plus
status read and continuous read mode. For more details, see the
Digital Interface section. The details of this register are shown in
Table 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com