Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 59Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 60Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 61Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 62Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 63 of 93
for each conversion is also the settling time, but the dead time is
reduced to 30.
50 Hz and 60 Hz Rejection, Sinc3 + Sinc1 Filter
Figure 106 shows the frequency response when FS[10:0] is set to
24 in the full power mode, or 6 in the mid power mode or low power
mode. Table 60 lists the corresponding output data rate.
The sinc filter places the first notch at:
fNOTCH = fCLK/(32 × FS[10:0])
The averaging block places notches at fNOTCH/Avg (Avg equaling 16
for the full power mode and mid power mode, and equaling 8 for
the low power mode). Notches are also placed at multiples of this
frequency; therefore, when FS[10:0] is set to 24 in the full power
mode or 6 in the mid power mode, a notch is placed at 800 Hz
due to the sinc filter, and notches are placed at 50 Hz and multiples
of 50 Hz due to the averaging. In the low power mode, a notch is
placed at 400 Hz due to the sinc filter when FS[10:0] is set to 6,
and notches are placed at 50 Hz and multiples of 50 Hz due to the
averaging.
The notch at 50 Hz is a first-order notch; therefore, the notch is
not wide. This means that the rejection at 50 Hz exactly is good,
assuming a stable controllerclock. However, in a band of 50 Hz ±
1 Hz, the rejection degrades significantly. The rejection at 50 Hz ±
0.5 Hz is 40 dB minimum, assuming a stable clock; therefore, a
good controller clock source is recommended when using the fast
settling mode.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 106. 50 Hz Rejection
Figure 107 shows the filter response when FS[10:0] is set to 20 in
the full power mode, or 5 in the mid power and low power modes.
In this case, a notch is placed at 60 Hz and multiples of 60 Hz. The
rejection at 60 Hz ± 0.5 Hz is equal to 40 dB minimum.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 107. 60 Hz Rejection
Simultaneous 50 Hz/60 Hz rejection is achieved when FS[10:0] is
set to 120 in the full power mode, or 30 in the mid power and
low power modes. Notches are placed at 10 Hz and multiples of
10 Hz, thereby giving simultaneous 50 Hz and 60 Hz rejection. The
rejection at 50 Hz ± 0.5 Hz and 60 Hz ± 0.5 Hz is 42 dB typically.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 108. Simultaneous 50 Hz and 60 Hz Rejection
POST FILTERS
The post filters provide rejection of 50 Hz and 60 Hz simultaneously
and allow the user to trade off settling time and rejection. These
filters can operate up to 27.27 SPS or can reject up to 90 dB of 50
Hz ± 1 Hz and 60 Hz ± 1 Hz interference. These filters are realized
by post filtering the output of the sinc3 filter. The filter bits must be
set to all 1s to enable the post filter. The post filter option is selected
using the POST_FILTER bits in the filter register. In Figure 109, the
blocks shown in gray are unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com