Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 56Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 53 of 93
Data=0.75×VIN
VREF ×223−(Offset−0x800000) ×
Gain
0x400000+0x800000
(2)
To start a calibration, write the relevant value to the mode bits in the
ADC_CONTROL register. The DOUT/RDY pin and the RDY bit in
the status register go high when the calibration initiates. When the
calibration is complete, the contents of the corresponding offset or
gain register are updated, the RDY bit in the status register is reset,
the DOUT/RDY pin returns low (if CS is low), and the ADFS7124-8
reverts to the idle mode.
During an internal offset calibration, the selected positive analog
input pin is disconnected, and it is connected internally to the
selected negative analog input pin. So, it is necessary to ensure
that the voltage on the selected negative analog input pin does
not exceed the allowed limits and is free from excessive noise and
interference.
To perform an internal full-scale calibration, a full-scale input volt-
age is automatically connected to the selected analog input for
this calibration. A full-scale calibration is recommended each time
the gain of a channel is changed to minimize the full-scale error.
When performing internal calibrations, the internal full-scale calibra-
tion must be performed before the internal zero-scale calibration.
Therefore, write the value 0x800000 to the offset register before
performing the internal full-scale calibration, which ensures that the
offset register is at its default value. The ADFS7124-8 is factory
calibrated at a gain of 1, and the resulting gain coefficient is the
default gain coefficient on the device. The device does not support
further internal full-scale calibrations at a gain of 1.
System calibrations expect the system zero-scale (offset) and sys-
tem full-scale (gain) voltages to be applied to the ADC pins before
initiating the calibration modes. As a result, errors external to the
ADC are removed. The system zero-scale calibration must be
performed before the system full-scale calibration.
From an operational point of view, treat a calibration like another
ADC conversion. Set the system software to monitor the RDY bit in
the status register or the DOUT/RDY pin to determine the end of a
calibration through a polling sequence or an interrupt-driven routine.
An internal/system offset calibration and system full-scale calibra-
tion requires a time equal to the settling time of the selected filter
to be completed. The internal full-scale calibration requires a time
equal to four settling periods (gain > 1).
A calibration can be performed at any output data rate. Using
lower output data rates results in better calibration accuracy and is
accurate for all output data rates. A new calibration is required for a
given channel if the reference source or the gain for that channel is
changed.
Offset and system full-scale calibrations can be performed in any
power mode. Internal full-scale calibrations can be performed in the
low power or mid power modes only. Thus, when using the full
power mode, select the mid power or low power mode to perform
the internal full-scale calibration. However, an internal full-scale
calibration performed in the low power or mid power mode is valid
in the full power mode, if the same gain is used.
The offset error is typically ±15 µV for gains of 1 to 8 and ±200/
gain µV for higher output data rates. An internal or system offset
calibration reduces the offset error to the order of the noise. The
gain error is factory calibrated at ambient temperature and at a
gain of 1. Following this calibration, the gain error is ±0.0025%
maximum. Therefore, internal full-scale calibrations at a gain of
1 are not supported on the ADFS7124-8. For other gains, the
gain error is −0.3%. An internal full-scale calibration at ambient
temperature reduces the gain error to ±0.016% maximum for gains
of 2 to 8 and ±0.025% typically for higher gains. A system full-scale
calibration reduces the gain error to the order of the noise.
The ADFS7124-8 provides access to the on-chip calibration regis-
ters, allowing the microprocessor to read the calibration coefficients
of the device and to write its own calibration coefficients from
pre-stored values in the EEPROM. A read or write of the offset
and gain registers can be performed at any time except during an
internal or self-calibration. The values in the calibration registers
are 24 bits wide. The span and offset of the device can also be
manipulated using the registers.
SPAN AND OFFSET LIMITS
Whenever a system calibration mode is used, the amount of offset
and span that can be accommodated is limited. The overriding
requirement in determining the amount of offset and gain that can
be accommodated by the device is the requirement that the positive
full-scale calibration limit is ≤1.05 × VREF/gain. This allows the input
range to go 5% above the nominal range. The built-in headroom
in the ADFS7124-8 analog modulator ensures that the device still
operates correctly with a positive full-scale voltage, which is 5%
beyond the nominal.
The range of input span in both the unipolar and bipolar modes has
a minimum value of 0.8 × VREF/gain and a maximum value of 2.1
× VREF/gain. However, the span, which is the difference between
the bottom of the ADFS7124-8 input range and the top of its input
range, must account for the limitation on the positive full-scale
voltage. The amount of offset that can be accommodated depends
on whether the unipolar or bipolar mode is being used. The offset
must account for the limitation on the positive full-scale voltage.
In the unipolar mode, there is considerable flexibility in handling
negative (with respect to AINM) offsets. In both the unipolar and
bipolar modes, the range of positive offsets that can be handled by
the device depends on the selected span. Therefore, in determining
the limits for system zero-scale and full-scale calibrations, ensure
that the offset range plus the span range does exceed 1.05 ×
VREF/gain. This is best illustrated by looking at a few examples.
If the device is used in the unipolar mode with a required span of
0.8 × VREF/gain, the offset range that the system calibration can
handle is from −1.05 × VREF/gain to +0.25 × VREF/gain. If the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com