Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 75 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 75 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 78Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
Data Sheet
ADFS7124-8
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 75 of 93
The external antialias filter is omitted for clarity. However, such a
filter is required to reject any interference at the modulator frequen-
cy and multiples of the modulator frequency. In addition, some
filtering may be needed for EMI purposes. Both the analog inputs
and reference inputs can be buffered, which allows the user to
connect any RC combination to the reference or analog input pins.
Note that the reference inputs require 100 mV of headroom when
buffered so a headroom resistor is then needed to bias REFIN2(−)
appropriately.
The required power mode depends on the performance required
from the system along with the current consumption allowance for
the system. In a field transmitter, low current consumption is essen-
tial. In this application, the low power mode or mid power mode is
most suitable. In process control applications, power consumption
is not a priority. Thus, full power mode may be selected. The full
power mode offers higher throughput and lower noise.
The ADFS7124-8 on-chip diagnostics allow the user to check the
circuit connections, monitor power supply, reference, and LDO vol-
tages, check all conversions and calibrations for any errors, as well
as monitor any read/write operations. In thermocouple applications,
the circuit connections are verified using the reference detect and
burnout currents. The REF_DET_ERR flag is set if the external
reference REFIN2(±) is missing. The burnout currents (available in
the configuration registers) detect an open wire. For example, if
the thermocouple is not connected and the burnout currents are
enabled on the channel, the ADC outputs a conversion that is equal
to or close to full scale. For best performance, enable the burnout
currents periodically to check the connections but disable them as
soon as the connections are verified for they add an error to the
conversions. The decoupling capacitors on the LDOs can also be
checked. The ADC indicates if the capacitor is not present.
As part of the conversion process, the analog input overvoltage/un-
dervoltage monitors are useful for detecting any excessive voltages
on AINP and AINM. The power supply voltages and reference
voltages are selectable as inputs to the ADC. Thus, the voltages
can be periodically checked to confirm whether they are within
the system specification. Also, it is possible to check that the
LDO voltages are within specification. The conversion process and
calibration process can also be checked. This ensures that any
invalid conversions or calibrations are flagged.
Finally, the CRC check, SCLK counter, and the SPI read/write
checks make the interface more robust as any read/write operation
that is not valid is detected. The CRC check highlights if any bits
are corrupted when being transmitted between the processor and
the ADC.
TEMPERATURE MEASUREMENT USING AN
RTD
To optimize a 3-wire RTD configuration, two identically matched
current sources are required. The ADFS7124-8, which contains two
well matched current sources, is ideally suited to these applications.
One possible 3-wire configuration is shown in Figure 127. In this
3-wire configuration, the lead resistances result in errors if only one
current (output at AIN0) is used, as the excitation current flows
through RL1, developing a voltage error between AIN1 and AIN2.
In the scheme outlined, the second RTD current source (available
at AIN3) compensates for the error introduced by the excitation
current flowing through RL1. The second RTD current flows through
RL2. Assuming that RL1 and RL2 are equal (the leads are normally
of the same material and of equal length) and that the excitation
currents match, the error voltage across RL2 equals the error volt-
age across RL1, and no error voltage is developed between AIN1
and AIN2. Twice the voltage is developed across RL3; however,
because this is a common-mode voltage it does not introduce
errors. The reference voltage for the ADFS7124-8 is also generated
using one of the matched current sources. It is developed using
a precision resistor and applied to the differential reference pins
of the ADC. This scheme ensures that the analog input voltage
span remains ratiometric to the reference voltage. Any errors in the
analog input voltage due to the temperature drift of the excitation
current are compensated by the variation of the reference voltage.
As an example, the PT100 measures temperature from −200°C to
+600°C. The resistance is 100 Ω typically at 0°C and 313.71 Ω at
600°C. If the 500 µA excitation currents are used, the maximum
voltage generated across the RTD when using the full temperature
range of the RTD is:
500 µA × 313.71 Ω = 156.86 mV
This is amplified to 2.51 V within the ADFS7124-8 if the gain is
programmed to 16.
The voltage generated across the reference resistor must be at
least 2.51 V. Therefore, the reference resistor value must equal at
least:
2.51 V/500 µA = 5020 Ω
Therefore, a 5.11 kΩ resistor can be used.
5.11 kΩ × Excitation Current = 5.11 kΩ × 500 µA = 2.555 V
One other consideration is the output compliance. The output com-
pliance equals AVDD − 0.37 V. If a 3.3 V analog supply is used, the
voltage at AIN0 must be less than (3.3 V − 0.37 V) = 2.93 V. From
the previous calculations, this specification is met because the
maximum voltage at AIN0 equals the voltage across the reference
resistor plus the voltage across the RTD, which equals:
2.555 V + 156.86 mV = 2.712 V
A typical procedure for reading the RTD is as follows:
1. Reset the ADC.
2. Select the power mode.
3. Set the CHANNEL_0 register analog input to AIN1/AIN2. As-
sign Setup 0 to this channel. Configure Setup 0 to have a gain
of 16 and select the reference source REFIN2(±). Select the
filter type and set the output data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com