Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 60Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 61Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 62Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 64 of 93
SINC3/SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER
Figure 109. Post Filters
Table 61 shows the output data rates with the accompanying
settling times and rejection.
When continuously converting on a single channel, the first conver-
sion requires a time of tSETTLE. Subsequent conversions occur at
1/fADC. When multiple channels are enabled (either manually or
using the sequencer), the settling time is required to generate a
valid conversion on each enabled channel.
Table 61. ADFS7124-8 Post Filters: Output Data Rate, Settling Time (tSETTLE), and Rejection
Output Data Rate
(SPS)
f3dB (Hz)
tSETTLE, Full Power
Mode (ms)
tSETTLE, Mid Power
Mode (ms)
tSETTLE, Low Power
Mode (ms)
Simultaneous Rejection of 50 Hz ± 1 Hz and 60 Hz ±
1 Hz (dB)1
27.27
17.28
38.498
38.998
39.662
47
25
15.12
41.831
42.331
42.995
62
20
13.38
51.831
52.331
52.995
86
16.67
12.66
61.831
62.331
62.995
92
1 Stable controllerclock used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com