Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 74 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 74 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Data Sheet
ADFS7124-8
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 74 of 93
The ADFS7124-8 offers a low cost, high resolution analog-to-digital
function. Because the analog-to-digital function is provided by a
Σ-Δ architecture, the device is more immune to noisy environments,
making it ideal for use in sensor measurement, and industrial and
process control applications.
TEMPERATURE MEASUREMENT USING A
THERMOCOUPLE
Figure 126 outlines a connection from a thermocouple to the
ADFS7124-8. In a thermocouple application, the voltage generated
by the thermocouple is measured with respect to an absolute
reference; thus, the internal reference is used for this conversion.
The cold junction measurement uses a ratiometric configuration, so
the reference is provided externally.
Because the signal from the thermocouple is small, the
ADFS7124-8 is operated with the PGA enabled to amplify the sig-
nal from the thermocouple. As the input channel is buffered, large
decoupling capacitors can be placed on the front end to eliminate
any noise pickup that may be present in the thermocouple leads.
The bias voltage generator provides a common-mode voltage so
that the voltage generated by the thermocouple is biased up to
(AVDD − AVSS)/2. For thermocouple voltages that are centered
about ground, the ADFS7124-8 can be operated with a split power
supply (±1.8 V).
The cold junction compensation is performed using a thermistor in
Figure 126. The on-chip excitation current supplies the thermistor.
In addition, the reference voltage for the cold junction measurement
is derived from a precision resistor in series with the thermistor.
This allows a ratiometric measurement so that variation of the
excitation current has no effect on the measurement (it is the ratio
of the precision reference resistance to the thermistor resistance
that is measured).
Most conversions are read from the thermocouple, with the cold
junction being read only periodically as the cold junction tempera-
ture is stable or slow moving. If a T-type thermocouple is used, it
can measure a temperature from −200°C to +400°C. The voltage
generated over this temperature range is −8.6 mV to +17.2 mV.
The ADFS7124-8 internal reference equals 2.5 V. Therefore, the
PGA is set to 128. If the thermocouple uses the AIN0/AIN1 channel
and the thermistor is connected to the AIN12/AIN13 channel, the
conversion process is as follows:
1. Reset the ADC.
2. Select the power mode. Set the CHANNEL_0 register analog
input to AIN0/AIN1. Assign Setup 0 to this channel. Configure
Setup 0 to have a gain of 128 and select the internal reference.
Select the filter type and set the output data rate.
3. Enable VBIAS on AIN0.
4. Set the CHANNEL_1 register analog input to AIN12/AIN13.
Assign Setup 1 to this channel. Configure Setup 1 to have a
gain of 1 and select the external reference REFIN2(±). Select
the filter type and set the output data rate.
5. Enable the excitation current (IOUTx) and select a suitable
value. Output this current to the AIN4 pin.
6. Enable the AIN0/AIN1 channel. Wait until RDY goes low. Read
the conversion.
7. Continue to read nine further conversions from the AIN0/AIN1
channel.
8. Disable CHANNEL_0 and enable CHANNEL_1.
9. Wait until RDY goes low. Read one conversion.
10. Repeat Step 5 to Step 8.
Using the linearization equation for the T-type thermocouple, proc-
ess the thermocouple voltage along with the thermistor voltage and
compute the actual temperature at the thermocouple head.
Figure 126. Thermocouple Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com