Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 81Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 82Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 83Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 84Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 85 of 93
Table 68. IO_CONTROL_1 Register Bit Descriptions (Continued)
Bits
Bit Name
Description
0111 = IOUT0 is available on the AIN7 pin.
1000 = IOUT0 is available on the AIN8 pin.
1001 = IOUT0 is available on the AIN9 pin.
1010 = IOUT0 is available on the AIN10 pin.
1011 = IOUT0 is available on the AIN11 pin.
1100 = IOUT0 is available on the AIN12 pin.
1101 = IOUT0 is available on the AIN13 pin.
1110 = IOUT0 is available on the AIN14 pin.
1111 = IOUT0 is available on the AIN15 pin.
IO_CONTROL_2 REGISTER
RS[5:0] = 0, 0, 0, 1, 0, 0
Power-On/Reset = 0x0000
Table 69 outlines the bit designations for the register. Bit 15 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit. The internal bias voltage can be enabled on multiple channels.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VBIAS15 (0)
VBIAS14 (0)
VBIAS13 (0)
VBIAS12 (0)
VBIAS11 (0)
VBIAS10 (0)
VBIAS9 (0)
VBIAS8 (0)
VBIAS7 (0)
VBIAS6 (0)
VBIAS5 (0)
VBIAS4 (0)
VBIAS3 (0)
VBIAS2 (0)
VBIAS1 (0)
VBIAS0 (0)
Table 69. IO_CONTROL_2 Register Bit Descriptions
Bits
Bit Name
Description
15
VBIAS15
Enable the bias voltage on the AIN15 channel. When set, the internal bias voltage is available on AIN15.
14
VBIAS14
Enable the bias voltage on the AIN14 channel. When set, the internal bias voltage is available on AIN14.
13
VBIAS13
Enable the bias voltage on the AIN13 channel. When set, the internal bias voltage is available on AIN13.
12
VBIAS12
Enable the bias voltage on the AIN12 channel. When set, the internal bias voltage is available on AIN12.
11
VBIAS11
Enable the bias voltage on the AIN11 channel. When set, the internal bias voltage is available on AIN11.
10
VBIAS10
Enable the bias voltage on the AIN10 channel. When set, the internal bias voltage is available on AIN10.
9
VBIAS9
Enable the bias voltage on the AIN9 channel. When set, the internal bias voltage is available on AIN9.
8
VBIAS8
Enable the bias voltage on the AIN8 channel. When set, the internal bias voltage is available on AIN8.
7
VBIAS7
Enable the bias voltage on the AIN7 channel. When set, the internal bias voltage is available on AIN7.
6
VBIAS6
Enable the bias voltage on the AIN6 channel. When set, the internal bias voltage is available on AIN6.
5
VBIAS5
Enable the bias voltage on the AIN5 channel. When set, the internal bias voltage is available on AIN5.
4
VBIAS4
Enable the bias voltage on the AIN4 channel. When set, the internal bias voltage is available on AIN4.
3
VBIAS3
Enable the bias voltage on the AIN3 channel. When set, the internal bias voltage is available on AIN3.
2
VBIAS2
Enable the bias voltage on the AIN2 channel. When set, the internal bias voltage is available on AIN2.
1
VBIAS1
Enable the bias voltage on the AIN1 channel. When set, the internal bias voltage is available on AIN1.
0
VBIAS0
Enable the bias voltage on the AIN0 channel. When set, the internal bias voltage is available on AIN0.
ID REGISTER
RS[5:0] = 0, 0, 0, 1, 0, 1 Power-On/Reset = 0x17
The identification number for the ADFS7124-8 is stored in the ID register. This is a read only register.
ERROR REGISTER
RS[5:0] = 0, 0, 0, 1, 1, 0
Power-On/Reset = 0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com