Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 45 of 93
Figure 72 shows an example of how the channel registers span
between the analog input pins and setup configurations down-
stream. In this random example, two differential inputs and two
single-ended inputs are required. The single-ended inputs are the
AIN0/AIN7 and AIN6/AIN7 combinations. The first differential input
pair (AIN0/AIN1) uses Setup 0. The two single-ended input pairs
(AIN0/AIN7 and AIN6/AIN7) are set up as diagnostics; therefore,
they use a separate setup (Setup 1). The final differential input
(AIN2/AIN3) also uses a separate setup: Setup 2.
Given that three setups are selected for use, the CONFIG_0,
CONFIG_1, and CONFIG_2 registers are programmed as required,
and the FILTER_0, FILTER_1, and FILTER_2 registers are also
programmed as required. Optional gain and offset correction can
be employed on a per setup basis by programming the GAIN_0,
GAIN_1, and GAIN_2 registers, and the OFFSET_0, OFFSET_1,
and OFFSET_2 registers.
In the example shown in Figure 72, the CHANNEL_0 to CHAN-
NEL_3 registers are used. Setting the MSB (the enable bit) in each
of these registers enables the four combinations through the cross-
point multiplexer. When the ADFS7124-8 converts, the sequencer
transitions in ascending sequential order from CHANNEL_0 to
CHANNEL_1 to CHANNEL_2, and then on to CHANNEL_3 before
looping back to CHANNEL_0 to repeat the sequence.
CONFIGURATION
REGISTERS
FILTER
REGISTERS
OFFSET
REGISTERS
GAIN
REGISTERS
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT ANALOG INPUT PARTS
ENABLE THE CHANNEL
SELECT SETUP
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
ANALOG INPUT BUFFERS
REFERENCE BUFFERS
BURNOUT
REFERENCE SOURCE
GAIN
SINC4
SINC3
SINC4 + SINC1
SINC3 + SINC1
ENHANCED 50Hz/60Hz REJECTION
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x30
CONFIG_3
CONFIG_5
CONFIG_6
CONFIG_7
CONFIG_4
CONFIG_0
CONFIG_2
CONFIG_1
FILTER_3
FILTER_5
FILTER_6
FILTER_7
FILTER_4
FILTER_0
FILTER_2
FILTER_1
GAIN_3
GAIN_5
GAIN_6
GAIN_7
GAIN_4
GAIN_0
GAIN_2
GAIN_1
OFFSET_3
OFFSET_5
OFFSET_6
OFFSET_7
OFFSET_4
OFFSET_0
OFFSET_2
OFFSET_1
0x09
CHANNEL_0
0x0A
CHANNEL_1
0x0B
CHANNEL_2
0x0C
CHANNEL_3
0x0D
CHANNEL_4
0x0E
CHANNEL_5
0x0F
CHANNEL_6
0x10
CHANNEL_7
CHANNEL_8
CHANNEL_9
CHANNEL_10
CHANNEL_11
CHANNEL_12
CHANNEL_13
CHANNEL_14
CHANNEL_15
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
CHANNEL
REGISTERS
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
Figure 72. Mixed Differential and Single-Ended Configuration Using Multiple Shared Setups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com