Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 46 of 93
ANALOG INPUT CHANNEL
The uses flexible multiplexing; thus, any of the analog input pins,
AIN0 to AIN15, can be selected as a positive or negative input. This
feature allows the user to perform diagnostics such as checking
that pins are connected. It also simplifies printed circuit board
(PCB) design. For example, the same PCB can accommodate
2-wire, 3-wire, and 4-wire resistance temperature detectors (RTDs).
AIN0
AIN1
AVDD
AVDD
AVSS
AVSS
AVSS
AVDD
AVSS
AIN14
AVDD
AIN15
AVDD
AVSS
PGA
TO ADC
BURNOUT
CURRENTS
Figure 73. Analog Input Multiplexer Circuit
The channels are configured using the AINP[4:0] bits and the
AINM[4:0] bits in the channel registers (see Table 48). The device
can be configured to have 8 differential inputs, 15 pseudo differ-
ential inputs, or a combination of both. When using differential
inputs, use adjacent analog input pins to form the input pair. Using
adjacent pins minimizes any mismatch between the channels.
The inputs can be buffered or unbuffered at a gain of 1 but are
automatically buffered when the gain exceeds 1. The AINP and
AINM buffers are enabled/disabled separately using the AIN_BUFP
and AIN_BUFM bits in the configuration register (see Table 49).
In buffered mode, the input channel feeds into a high impedance
input stage of the buffer amplifier. Therefore, the input can tolerate
significant source impedances and is tailored for direct connection
to external resistive type sensors such as strain gages or RTDs.
When the device is operated in unbuffered mode, the device has
a higher analog input current. Note that this unbuffered input path
provides a dynamic load to the driving source. Therefore, resis-
tor/capacitor (RC) combinations on the input pins can cause gain
errors, depending on the output impedance of the source driving
the ADC input.
The absolute input voltage in unbuffered mode (gain = 1) includes
the range between AVSS − 50 mV and AVDD + 50 mV. The absolute
input voltage range in buffered mode at a gain of 1 is restricted
to a range between AVSS + 100 mV and AVDD − 100 mV. The
common-mode voltage must not exceed these limits; otherwise,
linearity and noise performance degrade.
When the gain is greater than 1, the analog input buffers are
automatically enabled. The PGA placed in front of the input buffers
is rail-to-rail; thus, in this case, the absolute input voltage includes
the range from AVSS − 50 mV to AVDD + 50 mV.
Table 48. Channel Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x09 to
0x18
CHANNEL_0 to
CHANNEL_15
[15:8] Enable
Setup
0
AINP[4:3]
0x8001 RW
[7:0]
AINP[2:0]
AINM[4:0]
Table 49. Configuration Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x19 to
0x20
CONFIG_0 to
CONFIG_7
[15:8]
0
Bipolar
Burnout
REF_BUFP
0x0860 RW
[7:0]
REF_BUFM AIN_BUFP
AIN_BUFM
REF_SEL
PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com