Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 67 of 93
Table 62. Filter Summary (Continued)
Filter
Power Mode
Output Data Rate (SPS)
REJ60
50 Hz Rejection (dB)1, 2
Fast Settling (Sinc3 + Sinc1)
Full/mid
60
0
40 dB (60 Hz only)
Low
60
0
40 dB (60 Hz only)
Full/mid
50
0
40 dB (50 Hz only)
Low
50
0
40 dB (50 Hz only)
Full/mid
10
0
40 dB (50 Hz and 60 Hz)
Low
10
0
40 dB (50 Hz and 60 Hz)
Post Filter
All
27.27
0
47 dB (50 Hz and 60 Hz)
All
25
0
62 dB (50 Hz and 60 Hz)
All
20
0
85 dB (50 Hz and 60 Hz)
All
16.67
0
90 dB (50 Hz and 60 Hz)
1 These calculations assume a stable controller clock.
2 For fast settling mode, the 50 Hz/60 Hz rejection is measured in a band of ±0.5 Hz around 50 Hz and/or 60 Hz. For all other modes, a region of ±1 Hz around 50 Hz and/or
60 Hz is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com