Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
Data Sheet
ADFS7124-8
DIAGNOSTICS
analog.com
Rev. 0 | 72 of 93
BURNOUT CURRENTS
The ADFS7124-8 contains two constant current generators that can
be programmed to 0.5 µA, 2 µA, or 4 µA. One generator sources
current from AVDD to AINP, and one sinks current from AINM to
AVSS. These currents enable open wire detection.
X-MUX
AVDD
AVSS
BURNOUT
DETECT
PGA1
Figure 124. Burnout Currents
The currents are switched to the selected analog input pair. Both
currents are either on or off. The burnout bits in the configuration
register enable/disable the burnout currents along with setting the
amplitude. Use these currents to verify that an external transducer
is still operational before attempting to take measurements on that
channel. After the burnout currents are turned on, they flow in
the external transducer circuit, and a measurement of the input
voltage on the analog input channel can be taken. If the resulting
voltage measured is near full scale, verify why this is the case. A
near full-scale reading can mean that the front-end sensor is open
circuit. It can also mean that the front-end sensor is overloaded
and is justified in outputting full scale, or that the reference may be
absent and the REF_DET_ERR bit is set, thus clamping the data to
all 1s.
When a conversion is close to full scale, check these three cases
before making a judgment. If the voltage measured is 0 V, it may in-
dicate that the transducer has short circuited. For normal operation,
these burnout currents are turned off by setting the burnout bits
to zero. The current sources work over the normal absolute input
voltage range specifications with buffers on.
TEMPERATURE SENSOR
The ADFS7124-8 has an embedded temperature sensor useful to
monitor the die temperature. This is selected using the AINP[4:0]
and AINM[4:0] bits in the channel register. Thus, the analog input is
Temperature Sensor – AVSS. Because AINM is connected to AVSS
for the measurement, the AINM_UV_ERR flag may be set when
the internal temperature measurement is being performed if the
flag is enabled. Therefore, ignore the AINM_UV_ERR flag for the
temperature sensor measurement.
The sensitivity is 13,584 codes/°C, approximately. The equation for
the temperature sensor is:
Temperature (°C) = ((Conversion − 0x800000)/13,584) − 272.5
The temperature sensor has an accuracy of ±0.5°C typically.
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
–40 –30 –20 –10 0
15 25 40 50 60 70 85 95 105 115 125
TEMPERATURE (°C)
32 UNITS
Figure 125. Temperature Sensor Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com