Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
Data Sheet
ADFS7124-8
GROUNDING AND LAYOUT
analog.com
Rev. 0 | 73 of 93
The analog inputs and reference inputs are differential and, there-
fore, most of the voltages in the analog modulator are common-
mode voltages. The high common-mode rejection of the device
removes common-mode noise on these inputs. The analog and
digital supplies to the ADFS7124-8 are independent and separately
pinned out to minimize coupling between the analog and digital
sections of the device. The digital filter provides rejection of broad-
band noise on the power supplies, except at integer multiples of the
controller clock frequency.
The digital filter also removes noise from the analog and reference
inputs, provided that these noise sources do not saturate the
analog modulator. As a result, the ADFS7124-8 is more immune
to noise interference than a conventional high resolution converter.
However, because the resolution of the ADFS7124-8 is high and
the noise levels from the converter are so low, care must be taken
with regard to grounding and layout.
The PCB that houses the ADC must be designed so that the analog
and digital sections are separated and confined to certain areas of
the board. A minimum etch technique is generally best for ground
planes because it results in the best shielding.
In any layout, keep in mind the flow of currents in the system,
ensuring that the paths for all return currents are as close as
possible to the paths the currents took to reach their destinations.
Avoid running digital lines under the device because this couples
noise onto the die and allows the analog ground plane to run under
the ADFS7124-8 to prevent noise coupling. The power supply lines
to the ADFS7124-8 must use as wide a trace as possible to provide
low impedance paths and reduce glitches on the power supply
line. Shield fast switching signals like clocks with digital ground to
prevent radiating noise to other sections of the board and never
run clock signals near the analog inputs. Avoid crossover of digital
and analog signals. Run traces on opposite sides of the board at
right angles to each other. This reduces the effects of feedthrough
on the board. A microstrip technique is by far the best but is
not always possible with a double-sided board. In this technique,
the component side of the board is dedicated to ground planes,
whereas signals are placed on the solder side.
Good decoupling is important when using high resolution ADCs.
The ADFS7124-8 has two power supply pins, AVDD and IOVDD. The
AVDD pin is referenced to AVSS, and the IOVDD pin is referenced to
DGND. Decouple AVDD with a 1 µF tantalum capacitor in parallel
with a 0.1 µF capacitor to AVSS on each pin. Place the 0.1 µF
capacitor as close as possible to the device on each supply, ideally
right up against the device. Decouple IOVDD with a 1 µF tantalum
capacitor in parallel with a 0.1 µF capacitor to DGND. All analog
inputs must be decoupled to AVSS. If an external reference is used,
decouple the REFINx(+) and REFINx(−) pins to AVSS.
The ADFS7124-8 also has two on-board LDO regulators, one that
regulates the AVDD supply and one that regulates the IOVDD supply.
For the REGCAPA pin, it is recommended that a 0.1 µF capacitor to
AVSS be used. Similarly, for the REGCAPD pin, it is recommended
that a 0.1 µF capacitor to DGND be used.
If using the ADFS7124-8 with split supply operation, a separate
plane must be used for AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com