Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 61Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 62Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 65 of 93
0
–100
0
600
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
Figure 110. DC to 600 Hz, 27.27 SPS Output Data Rate, 36.67 ms Settling Time
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 111. Zoom in 40 Hz to 70 Hz, 27.27 SPS Output Data Rate, 36.67 ms
Settling Time
0
–100
40
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
600
100
200
300
400
500
Figure 112. DC to 600 Hz, 25 SPS Output Data Rate, 40 ms Settling Time
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 113. Zoom in 40 Hz to 70 Hz, 25 SPS Output Data Rate, 40 ms Settling
Time
0
–100
0
600
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
Figure 114. DC to 600 Hz, 20 SPS Output Data Rate, 50 ms Settling Time
0
–100
40
70
FREQUENCY (Hz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
45
50
55
60
65
Figure 115. Zoom in 40 Hz to 70 Hz, 20 SPS Output Data Rate, 50 ms Settling
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com