Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 51 of 93
the conversion each time that the data read is performed. The
four LSBs of the status register indicate the channel to which the
conversion corresponds.
Continuous Conversion Mode
Continuous conversion is the default power-up mode. The
ADFS7124-8 converts continuously, and the RDY bit in the status
register goes low each time a conversion is complete. If CS is low,
the DOUT/RDY line also goes low when a conversion is complete.
To read a conversion, write to the communications register, indicat-
ing that the next operation is a read of the data register. When the
data-word is read from the data register, DOUT/RDY goes high.
Read this register additional times, if required. However, ensure
that the data register is not being accessed at the completion of the
next conversion; otherwise the new conversion word is lost.
When several channels are enabled, the ADC automatically se-
quences through the enabled channels, performing one conversion
on each channel. When all channels are converted, the sequence
starts again with the first channel. The channels are converted
in order from the lowest enabled channel to the highest enabled
channel. The data register is updated as soon as each conversion
is available. The DOUT/RDY pin pulses low each time a conversion
is available. Then read the conversion while the ADC converts the
next enabled channel.
If the DATA_STATUS bit in the ADC_CONTROL register is set to 1,
the contents of the status register, along with the conversion data,
are output each time the data register is read. The status register
indicates the channel to which the conversion corresponds.
DIN
SCLK
DOUT/RDY
CS
0x01
0x0004
0x42
DATA
Figure 78. Single Conversion Configuration
DIN
SCLK
DOUT/RDY
CS
0x42
0x42
DATA
DATA
Figure 79. Continuous Conversion Configuration
DIN
SCLK
DOUT/RDY
CS
DATA
DATA
0x01
0x0800
Figure 80. Continuous Read Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com