Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 33Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 34Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 35Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 36Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 37Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 37 of 93
Serial Interface
The ADFS7124-8 has a 3-wire or 4-wire SPI. The on-chip registers
are accessed through the serial interface.
Clock
The device has an internal 614.4 kHz clock. Use either this clock
or an external clock as the clock source for the device. The internal
clock can also be made available on a pin if a clock source is
required for external circuitry.
Temperature Sensor
The on-chip temperature sensor monitors the die temperature.
Digital Outputs
The ADFS7124-8 has four general-purpose digital outputs. These
can be used for driving external circuitry. For example, an external
multiplexer can be controlled by these outputs.
Calibration
Both internal calibration and system calibration are included on
chip; therefore, there is the option of removing offset or gain errors
internal to the device only, or removing the offset or gain errors of
the complete end system.
Excitation Currents
The device contains two excitation currents that can be set inde-
pendently to 0.1 µA, 50 µA, 100 µA, 250 µA, 500 µA, 750 µA, or 1
mA.
Bias Voltage
A bias voltage generator is included on chip so that signals from
thermocouples can be biased suitably. The bias voltage is set to
(AVDD − AVSS)/2 and can be made available on any input. It can
supply multiple channels.
Bridge Power Switch (PSW)
A low-side power switch allows the user to power down bridges that
are interfaced to the ADC.
Diagnostics
The ADFS7124-8 includes numerous diagnostic features such as:
►
Reference detection
►
Overvoltage/undervoltage detection
►
CRC on SPI communications
►
CRC on the memory map
►
SPI read/write checks
These diagnostics allow a high level of fault coverage in an applica-
tion.
POWER SUPPLIES
The ADFS7124-8 operates with an analog power supply voltage
from 2.7 V to 3.6 V in low or mid power mode and from 2.9 V to
3.6 V in full power mode. The device accepts a digital power supply
from 1.65 V to 3.6 V.
The device has two independent power supply pins: AVDD and
IOVDD.
►
AVDD is referred to AVSS. AVDD powers the internal analog
regulator that supplies the ADC.
►
IOVDD is referred to DGND. This supply sets the interface logic
levels on the SPI and powers an internal regulator for operation
of the digital processing.
Single Supply Operation (AVSS = DGND)
When the ADFS7124-8 is powered from a single supply connected
to AVDD, AVSS and DGND can be shorted together on one single
ground plane. With this setup, an external level shifting circuit is
required when using truly bipolar inputs to shift the common-mode
voltage. Recommended regulators include the ADP162, which has
a low quiescent current.
Split Supply Operation (AVSS ≠ DGND)
The ADFS7124-8 can operate with AVSS set to a negative voltage,
allowing true bipolar inputs to be applied. This allows a truly fully
differential input signal centered around 0 V to be applied to the
ADFS7124-8 without the need for an external level shifting circuit.
For example, with a 3.6 V split supply, AVDD = +1.8 V and AVSS
= −1.8 V. In this use case, the ADFS7124-8 internally level shifts
the signals, allowing the digital output to function between DGND
(nominally 0 V) and IOVDD.
When using a split supply for AVDD and AVSS, the absolute max-
imum ratings must be considered (see the Absolute Maximum
Ratings section). Ensure that IOVDD is set below 3.6 V to stay
within the absolute maximum ratings for the device.
DIGITAL COMMUNICATION
The ADFS7124-8 has a 3-wire or 4-wire SPI compatible with QSPI,
MICROWIRE, and DSPs. The interface operates in SPI Mode 3
and can be operated with CS tied low. In SPI Mode 3, SCLK idles
high, the falling edge of SCLK is the drive edge, and the rising edge
of SCLK is the sample edge. This means that data is clocked out
on the falling/drive edge and data is clocked in on the rising/sample
edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com