Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 58Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 59Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 60Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 61Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 62Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 62 of 93
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
0
30
60
90
120
150
Figure 102. Simultaneous 50 Hz and 60 Hz Rejection
FAST SETTLING MODE (SINC3 + SINC1 FILTER)
In the fast settling mode, the settling time is close to the inverse of
the first filter notch; therefore, it is possible to achieve 50 Hz and/or
60 Hz rejection at an output data rate close to 1/50 Hz or 1/60 Hz.
The settling time is approximately equal to 1/output data rate.
Therefore, the conversion time is near constant when converting on
a single channel or when converting on several channels.
Enable the fast settling mode using the filter bits in the filter register.
In the fast settling mode, a sinc1 filter is included after the sinc3
filter. The sinc1 filter averages by 16 in the full power and mid power
modes, and averages by 8 in the low power mode. In Figure 103,
the blocks shown in gray are unused.
SINC3 /SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER
Figure 103. Fast Settling Mode, Sinc3 + Sinc1 Filter
Output Data Rate and Settling Time, Sinc3 +
Sinc1 Filter
When continuously converting on a single channel, the output data
rate is:
fADC = fCLK/(Avg × 32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controller clock frequency (614.4 kHz in full power mode,
153.6 kHz in mid power mode, and 76.8 kHz in low power mode).
Avg is 16 in full or mid power mode and 8 in low power mode.
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the filter
register. FS[10:0] can have a value from 1 to 2047.
When another channel is selected, there is an extra delay in the
first conversion. The settling time is equal to:
tSETTLE = ((3 + Avg − 1) × 32 × FS[10:0] + Dead Time)/fCLK
where, Dead Time = 95.
Table 60 lists some sample FS[10:0] settings and the corresponding
output data rates and settling times.
Table 60. Examples of Output Data Rates and the Corresponding Settling
Times (Fast Settling Mode, Sinc3 + Sinc1)
Power Mode
FS[10:0]
First Notch
(Hz)
Output Data
Rate (SPS)
Settling
Time (ms)
Full Power (fCLK =
614.4 kHz, Average
by 16)
120
10
10
112.65
24
50
50
22.65
20
60
60
18.9
Mid Power (fCLK =
153.6 kHz, Average
by 16)
30
10
10
113.11
6
50
50
23.11
5
60
60
19.36
Low Power (fCLK =
76.8 kHz, Average by
8)
30
10
10
126.22
6
50
50
26.22
5
60
60
22.06
When the analog input is constant or a channel change occurs,
valid conversions are available at a near constant output data rate.
CONVERSIONS
CHANNEL A
CHANNEL
CHANNEL B
CH A CH A CH A CH A
CH A
CH B CH B
CH B CH B
1/fADC DT/fCLK
NOTES
1. DT = DEAD TIME.
Figure 104. Fast Settling, Sinc3 + Sinc1 Filter
When the device is converting on a single channel and a step
change occurs on the analog input, the ADC does not detect
the change and continues to output conversions. When the step
change is synchronized with the conversion, one intermediate result
is not completely settled (see Figure 105). If the step change is
asynchronous to the conversion process, one or two intermediate
results are not completely settled.
ANALOG
INPUT
ADC
OUTPUT
VALID
1/
fADC
Figure 105. Step Change on the Analog Input, Sinc3 + Sinc1 Filter
Sequencer
The description in the Fast Settling Mode (Sinc3 + Sinc1 Filter)
section is valid when manually switching channels, for example,
writing to the device to change channels. When multiple channels
are enabled, the on-chip sequencer is automatically used; the
device automatically sequences between all enabled channels. In
this case, the first conversion takes the complete settling time, as
listed in Table 60. For all subsequent conversions, the time needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com