Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 56Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 57Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 58Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 59Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 56 of 93
Sinc4 Zero Latency
Zero latency is enabled by setting the SINGLE_CYCLE bit in the
filter register to 1. With zero latency, the conversion time when
continuously converting on a single channel approximately equals
the settling time. The benefit of this mode is that a similar period
of time elapses between all conversions irrespective of whether the
conversions occur on one channel or whether several channels are
used. When the analog input is continuously sampled on a single
channel, the output data rate equals:
fADC = fCLK/(4 × 32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controller clock frequency.
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the setup
filter register.
When selecting another channel, there is an extra delay in the first
conversion of:
Dead Time/fCLK
where, Dead Time = 61 when FS[10:0] = 1 and 95 when FS[10:0] >
1.
At low output data rates, this extra delay has little impact on the
value of the settling time. However, at high output data rates, the
delay must be considered. Table 56 summarizes the output data
rate when continuously converting on a single channel and the
settling time when switching between channels for a sample of
FS[10:0] values.
When switching between channels, the ADFS7124-8 allows the
complete settling time to generate the first conversion after the
channel change. Therefore, the ADC automatically operates in
zero latency mode when several channels are enabled (setting the
SINGLE_CYCLE bit has no benefits).
Table 56. Examples of Output Data Rates and the Corresponding Settling
Times for the Sinc4 Filter (Zero Latency)
Power Mode
FS[10:0]
Output Data Rate
(SPS)
Settling Time
(ms)
Full Power (fCLK =
614.4 kHz)
1920
2.5
400.15
384
12.5
80.15
320
15
66.82
Mid Power (fCLK =
153.6 kHz)
480
2.5
400.61
96
12.5
80.61
80
15
67.28
Low Power (fCLK =
76.8 kHz)
240
2.5
401.22
48
12.5
81.22
40
15
67.89
When the analog input is constant or a channel change occurs,
valid conversions are available at a near constant output data rate.
When conversions are being performed on a single channel and
a step change occurs on the analog input, the ADC continues to
output fully settled conversions if the step change is synchronized
with the conversion process. If the step change is asynchronous,
one conversion is output from the ADC, which is not completely
settled (see Figure 84).
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
1/
fADC
Figure 84. Sinc4 Zero Latency Operation
Sequencer
The description in the Sinc4 Filter section is valid when manually
switching channels, for example, writing to the device to change
channels. When multiple channels are enabled, the on-chip se-
quencer is automatically used; the device automatically sequences
between all enabled channels. In this case, the first conversion
takes the complete settling time, as listed in Table 55. For all
subsequent conversions, the time needed for each conversion is
the settling time also, but the dead time is reduced to:
►
30 when the old channel and the new channel both have an
FS[10:0] > 1 or both have an FS[10:0] = 1.
►
−4 when the old channel has an FS[10:0] > 1 and the new
channel has an FS[10:0] = 1.
►
64 when the old channel has an FS[10:0] = 1 and the new
channel has an FS[10:0] > 1.
Sinc4 50 Hz and 60 Hz Rejection
Figure 85 shows the frequency response of the sinc4 filter when
the output data rate is programmed to 50 SPS and zero latency is
disabled. For the same configuration but with zero latency enabled,
the filter response remains the same but the output data rate is 12.5
SPS. The sinc4 filter provides 50 Hz (±1 Hz) rejection in excess of
120 dB minimum, assuming a stable controller clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com