Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 89Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 90Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 91Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 92Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 90 of 93
Table 73. Channel Register Bit Descriptions (Continued)
Bits
Bit Name
Description
00011 = AIN3.
00100 = AIN4.
00101 = AIN5.
00110 = AIN6.
00111 = AIN7.
01000 = AIN8.
01001 = AIN9.
01010 = AIN10.
01011 = AIN11.
01100 = AIN12.
01101 = AIN13.
01110 = AIN14.
01111 = AIN15.
10000 = temperature sensor.
10001 = AVSS.
10010 = internal reference.
10011 = DGND.
10100 = (AVDD − AVSS)/6+. Use in conjunction with (AVDD − AVSS)/6− to monitor supply AVDD − AVSS.
10101 = (AVDD − AVSS)/6−. Use in conjunction with (AVDD − AVSS)/6+ to monitor supply AVDD − AVSS.
10110 = (IOVDD − DGND)/6+. Use in conjunction with (IOVDD − DGND)/6− to monitor IOVDD − DGND.
10111 = (IOVDD − DGND)/6−. Use in conjunction with (IOVDD − DGND)/6+ to monitor IOVDD − DGND.
11000 = (ALDO − AVSS)/6+. Use in conjunction with (ALDO − AVSS)/6− to monitor the analog LDO.
11001 = (ALDO − AVSS)/6−. Use in conjunction with (ALDO − AVSS)/6+ to monitor the analog LDO.
11010 = (DLDO − DGND)/6+. Use in conjunction with (DLDO − DGND)/6− to monitor the digital LDO.
11011 = (DLDO − DGND)/6−. Use in conjunction with (DLDO − DGND)/6+ to monitor the digital LDO.
11100 = V_20MV_P. Use in conjunction with V_20MV_M to apply a 20 mV p-p signal to the ADC.
11101 = V_20MV_M. Use in conjunction with V_20MV_P to apply a 20 mV p-p signal to the ADC.
11110 = Reserved.
11111 = Reserved.
CONFIGURATION REGISTERS
RS[5:0] = 0, 1, 1, 0, 0, 1 to 1, 0, 0, 0, 0, 0
Power-On/Reset = 0x0860
The ADFS7124-8 has eight configuration registers, CONFIG_0 to CONFIG_7. Each configuration register is associated with a setup;
CONFIG_x is associated with Setup x. In the configuration register, the reference source, polarity, reference buffers are configured. Table 74
outlines the bit designations for the register. Bit 15 is the first bit of the data stream. The number in parentheses indicates the power-on/ reset
default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (0)
Bipolar (1)
Burnout (0)
REF_BUFP (0)
REF_BUFM (0)
AIN_BUFP (1)
AIN_BUFM (1)
REF_SEL (0)
PGA (0)
Table 74. Configuration Register Bit Descriptions
Bits
Bit Name
Description
15:12
0
These bits must be programmed with a Logic 0 for correct operation.
11
Bipolar
Polarity select bit. When this bit is set, bipolar operation is selected. When this bit is cleared, unipolar operation is selected.
10:9
Burnout
These bits select the magnitude of the sensor burnout detect current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com