Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 34Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 35Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 36Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 37Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 38 of 93
DRIVE EDGE
SAMPLE EDGE
Figure 65. SPI Mode 3, SCLK Edges
Accessing the ADC Register Map
The communications register controls access to the full register
map of the ADC. This register is an 8-bit, write only register. On
power-up or after a reset, the digital interface defaults to a state
where it expects a write to the communications register; therefore,
all communication begins by writing to the communications register.
The data written to the communications register determines which
register is accessed and if the next operation is a read or write. The
register address bits (Bit 5 to Bit 0) determine the specific register
to which the read or write operation applies.
When the read or write operation to the selected register is com-
plete, the interface returns to its default state, where it expects a
write operation to the communications register.
In situations where interface synchronization is lost, a write opera-
tion of at least 64 serial clock cycles with DIN high returns the ADC
to its default state by resetting the entire device, including the regis-
ter contents. Alternatively, if CS is used with the digital interface,
returning CS high resets the digital interface to its default state and
aborts any current operation.
Figure 66 and Figure 67 illustrate writing to and reading from a
register by first writing the 8-bit command to the communications
register followed by the data for the addressed register.
Reading the ID register is the recommended method for verifying
correct communication with the device. The ID register is a read
only register and contains the value of 0x17 for the ADFS7124-8.
The communication register and ID register details are described in
Table 37 and Table 38.
DIN
SCLK
CS
8-BIT COMMAND
8 BITS, 16 BITS,
OR 24 BITS OF DATA
CMD
DATA
Figure 66. Writing to a Register (8-Bit Command with Register Address
Followed by Data of 8 Bits, 16 Bits, or 24 Bits; Data Length Is Dependent on
the Register Selected)
DIN
SCLK
CS
8-BIT COMMAND
8 BITS, 16 BITS,
24 BITS, OR
32 BITS OUTPUT
CMD
DATA
DOUT/RDY
Figure 67. Reading from a Register (8-Bit Command with Register Address
Followed by Data of 8 Bits, 16 Bits, 24 Bits, or 32 Bits; Data Length on DOUT
Is Dependent on the Register Selected, CRC Enabled)
Table 37. Communications Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
COMMS
[7:0]
WEN
R/W
RS[5:0]
0x00
W
Table 38. ID Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x05
ID
[7:0]
DEVICE_ID
SILICON_REVISION
0x17
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com