Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
Data Sheet
ADFS7124-8
DIAGNOSTICS
analog.com
Rev. 0 | 69 of 93
Figure 119. Analog Input Overvoltage/Undervoltage Monitors
The positive (AINP) and negative (AINM) analog inputs can
be separately checked for overvoltages and undervoltages.
The AINP_OV_ERR_EN and AINP_UV_ERR_EN bits in the ER-
ROR_EN register enable the overvoltage/undervoltage diagnos-
tics respectively. An overvoltage is flagged when the voltage on
AINP exceeds AVDD, while an undervoltage is flagged when the
voltage on AINP goes below AVSS. Similarly, an overvoltage/un-
dervoltage check on the negative analog input pin is enabled
using the AINM_OV_ERR_EN and AINM_UV_ ERR_EN bits in
the ERROR_EN register. The error flags are AINP_OV_ERR,
AINP_UV_ERR, AINM_OV_ERR, and AINM_UV_ERR in the error
register.
When this function is enabled, the corresponding flags may be set
in the error register. Therefore, read the error register when the
overvoltage/undervoltage checks are enabled to ensure that the
flags are reset to 0.
POWER SUPPLY MONITORS
Along with converting external voltages, the ADC can monitor the
voltage on the AVDD pin and the IOVDD pin. When the inputs of
AVDD to AVSS or IOVDD to DGND are selected, the voltage (AVDD
to AVSS or IOVDD to DGND) is internally attenuated by 6, and the
resulting voltage is applied to the Σ-Δ modulator. This is useful
because variations in the power supply voltage can be monitored.
LDO MONITORING
There are several LDO checks included on the ADFS7124-8. Like
the external power supplies, the voltage generated by the analog
and digital LDOs are selectable as inputs to the ADC. In addition,
the ADFS7124-8 can continuously monitor the LDO voltages.
Power Supply Monitor
The voltage generated by the ALDO and DLDO can be
monitored by enabling the ALDO_PSM_ERR_EN bit and the
DLDO_PSM_ERR_EN bit, respectively, in the ERROR_EN regis-
ter. When enabled, the output voltage of the LDO is continuous-
ly monitored. If the ALDO voltage drops below 1.6 V, the AL-
DO_PSM_ERR flag is asserted. If the DLDO voltage drops below
1.55 V, the DLDO_PSM_ERR flag is asserted. The bit remains set
until the corresponding LDO voltage recovers. However, the bit is
only cleared when the error register is read.
1.6V
OVERVOLTAGE
COMPARATOR
ALDO
SET IF ALDO OUTPUT VOLTAGE IS
LESS THAN 1.6V
Figure 120. Analog LDO Monitor
1.55V
OVERVOLTAGE
COMPARATOR
DLDO
SET IF DLDO OUTPUT VOLTAGE IS
LESS THAN 1.55V
Figure 121. Digital LDO Monitor
The ADFS7124-8 can also test the circuitry used for the pow-
er supply monitoring. When the ALDO_PSM_TRIP_TEST_EN or
DLDO_PSM_TRIP_TEST_EN bits are set, the input to the test
circuitry is tied to GND rather than the LDO output. Set the corre-
sponding ALDO_PSM_ERR or DLDO_PSM_ERR bit.
LDO Capacitor Detect
The analog and digital LDOs require an external decoupling capac-
itor of 0.1 µF. The ADFS7124-8 can check for the presence of
this decoupling capacitor. Using the LDO_CAP_CHK bits in the
ERROR_EN register, the LDO being checked is turned off and the
voltage at the LDO output is monitored. If the voltage falls, this is
considered a fail and the LDO_CAP_ERR bit in the error register is
set. Note that a missing decoupling capacitor can cause the ADC
to reset. However, this is easily detectable at the system level by
reading back registers.
Only the analog LDO or digital LDO can be tested for the presence
of the decoupling capacitor at any one time. This test also interferes
with the conversion process.
The circuitry used to check for missing decoupling capacitors
can also be tested by the ADFS7124-8. When the LDO_CAP_
CHK_TEST_EN bit in the ERROR_EN register is set, the decou-
pling capacitor is internally disconnected from the LDO, forcing
a fault condition. Therefore, when the LDO capacitor test is per-
formed, a fault condition is reported, that is, the LDO_CAP_ERR bit
in the error register is set.
MCLK COUNTER
A stable controller clock is important as the output data rate, filter
settling time, and the filter notch frequencies are dependent on the
controller clock. The ADFS7124-8 allows to monitor the controller
clock. When the MCLK_CNT_EN bit in the ERROR_EN register
is set, the MCLK_COUNT register increments by 1 every 131
controller clock cycles. Monitor this register over a fixed period of
time. The controller clock frequency can be determined from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com