Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 78Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 79Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 80Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
Data Sheet
ADFS7124-8
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 77 of 93
FLOWMETER
Figure 128 shows the ADFS7124-8 being used in a flowmeter
application that consists of two pressure transducers, with the
rate of flow being equal to the pressure difference. The pressure
transducers are arranged in a bridge network and give a differential
output voltage between its OUT+ and OUT− terminals. With rated
full-scale pressure (in this case, 300 mmHg) on the transducer, the
differential output voltage is 3 mV/V of the input voltage (that is, the
voltage between the IN+ and IN− terminals).
Assuming a 3 V excitation voltage, the full-scale output range from
the transducer is 9 mV. The excitation voltage for the bridge can
directly provide the reference for the ADC, as the reference input
range includes the supply voltage.
A second advantage of using the ADFS7124-8 in transducer-based
applications is that the low-side power switch can be fully utilized
in low power applications. The low-side power switch is connected
in series with the cold side of the bridges. In normal operation,
the switch is closed and measurements are taken. In applications
where power is of concern, the ADFS7124-8 can be placed in
the standby mode, thus significantly reducing the power consumed
in the application. In addition, the low-side power switch can be
opened while in the standby mode, thus avoiding unnecessary
power consumption by the front-end transducers. When the device
is taken out of the standby mode, and the low-side power switch
is closed, ensure that the front-end circuitry is fully settled before
attempting a read from the ADFS7124-8. The power switch can
be closed before taking the device out of standby, if needed. This
allows time for the sensor to power up and settle before the ADC
powers up and begins sampling the analog input.
In the diagram, temperature compensation is performed using a
thermistor. The on-chip excitation current supplies the thermistor. In
addition, the reference voltage for the temperature measurement is
derived from a precision resistor in series with the thermistor. This
allows a ratiometric measurement so that variation of the excitation
current has no effect on the measurement (it is the ratio of the
precision reference resistance to the thermistor resistance that is
measured).
If the sensor sensitivity is 3 mV/V and the excitation voltage is 3
V, the maximum output from the sensor is 9 mV. The ADFS7124-8
PGA can be set to 128 to amplify the sensor signal.
The ADFS7124-8 PGA amplifies the signal to:
9 mV × 128 = 1.152 V
This value does not exceed the reference voltage (3 V).
A typical procedure for reading the sensors is as follows:
1. Reset the ADC.
2. Select the power mode.
3. Set the CHANNEL_0 register analog input to AIN0/AIN1. As-
sign Setup 0 to this channel. Configure Setup 0 to have a gain
of 128 and select the reference source to REFIN1(±). Select the
filter type and set the output data rate.
4. Set the CHANNEL_1 register analog input to AIN2/AIN3. As-
sign Setup 0 to this channel (both channels use the same
setup).
5. Set the CHANNEL_2 register analog input to AIN4/AIN5. As-
sign Setup 1 to this channel. Configure Setup 1 to have a gain
of 1 and select the reference source REFIN2(±). Select the filter
type and set the output data rate.
6. Program the excitation current and output the current on the
AIN4 pin.
7. Enable both CHANNEL_0 and CHANNEL_1. Enable the DA-
TA_STATUS bit to identify the channel from which the conver-
sion originated. The ADC automatically sequences through
these channels.
8. Wait until RDY goes low. Read the conversion value.
9. Repeat Step 8 until the temperature is to be read (every 10
conversions of the pressure sensor readings, for example).
10. Disable CHANNEL_0 and CHANNEL_1. Enable CHANNEL_2.
11. Wait until RDY goes low. Read the conversion.
12. Repeat Step 6 to Step 10.
In the processor, the conversion information is converted to pres-
sure and the flow rate can be calculated. The processor typically
contains a lookup table for each pressure sensor so its variation
with temperature can be compensated.
The external antialias filter is omitted for clarity. However, such a fil-
ter is required to reject any interference at the modulator frequency
and multiples of the modulator frequency. Also, some filtering may
be needed for EMI purposes. Both the analog inputs and reference
inputs can be buffered, which allows the user to connect any RC
combination to the reference or analog input pins. Note that the
reference inputs require 100mV of headroom when buffered so
headroom resistors are then required.
The power mode to use depends on the performance required from
the system along with the current consumption allowance for the
system. In a field transmitter, low current consumption is essential.
In this application, low power mode or mid power mode is most
suitable. In process control applications, power consumption is not
a priority. Thus, full power mode may be selected. Full power mode
offers higher throughput and lower noise.
The ADFS7124-8 on-chip diagnostics allow the user to check the
circuit connections, monitor power supply, reference, and LDO
voltages, check all conversions and calibrations for any errors, as
well as monitor any read/write operations. The REF_DET_ERR flag
is set if the external reference REFIN2(±) or REFIN1(±) is missing.
The decoupling capacitors on the LDOs can also be checked. The
ADC indicates if the capacitor is not present.
As part of the conversion process, the analog input overvoltage/
undervoltage monitors are useful to detect any excessive voltages
on AINP and AINM. The power supply voltages and reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com