Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8BBCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 9Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 10Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 11Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 12Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 13Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 14Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Data Sheet
ADFS7124-8
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 93
Timing Diagrams
IOVDD/2
TO OUTPUT PIN
ISOURCE (100µA)
ISINK (100µA)
25pF
Figure 2. Load Circuit for Timing Characterization
t3
t2
t7
t6
t5
t4
t1
MSB
LSB
DOUT/RDY (O)
SCLK (I)
CS (I)
I = INPUT, O = OUTPUT
Figure 3. Read Cycle Timing Diagram (CS_EN Bit Cleared)
t5
t3
t2
t4
t1
MSB
DOUT/RDY (O)
SCLK (I)
CS (I)
I = INPUT, O = OUTPUT
LSB
t7A
t6
Figure 4. Read Cycle Timing Diagram (CS_EN Bit Set)
CS (I)
SCLK (I)
DIN (I)
MSB
LSB
t8
t9
t10
t11
I = INPUT, O = OUTPUT
Figure 5. Write Cycle Timing Diagram
WRITE
DIN
DOUT/RDY
SCLK
WRITE
t12
t12
t12
READ
READ
Figure 6. Delay Between Consecutive Serial Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com