Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics TDA7513 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
TDA7513
44/58
SUBADDRESS 22: FM Smeter Sider and AM Smeter Time Constant
SUBADDRESS 23: IFT Adjust
SUBADDRESS 24: XTAL and FM IF AMP 2 Gain
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM Smeter Sider
00
00
0
0V
0
0
0
0
1
0.48V
--
--
-
-
1
1
1
1
0
1.45V
11
11
1
1.5V
AM Smeter Filter TC (resistor value)
00
0
75K
10
0
50K
01
0
35K
11
0
24K
00
1
16K
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
IFT1 Adjust
00
00
0pF
0
0
0
1
0.55pF
--
--
-
0
1
1
1
7.7pF
1
1
1
1
8.25pF
IFT2 Adjust
00
00
75pF
10
00
50pF
--
--
-
0
1
1
1
22.4pF
11
11
24pF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
XTAL adjust Cload
00
00
0
0pF
0
0
0
0
1
0.625pF
0
0
0
1
0
1.25pF
0
0
1
0
0
2.5pF
01
00
0
5pF
00
10
0
10pF
0
1
0
0
0
10.4pF
XTAL TEST)
0
xtal clock
1
clocksep (testing)
FM IF Amp2 Gain
0
0
6dB
0
1
8dB
1
0
10dB
1
1
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com