Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7513 Datasheet HTML 1Page - STMicroelectronics TDA7513 Datasheet HTML 2Page - STMicroelectronics TDA7513 Datasheet HTML 3Page - STMicroelectronics TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
1/58
TDA7513
December 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
AM/FM TUNER FOR CAR-RADIO
s
INTEGRATED TUNING PLL
s
VARIABLE-BANDWITH FM IF FILTER (ISS)
s
FULLY INTEGRATED FM STEREO
DECODER
s
FULLY INTEGRATED FM NOISE BLANKER
s
HIGHLY INTEGRATED AUDIO PROCESSOR
DESCRIPTION
The TDA7513 is the first device for car-radio appli-
cations that combines full RF front-end functions
with audio-processing capabilities.
As far as FM and AM functions are concerned , the
TDA7513 features front-end processing, including
the digital tuning PLL, IF processing with demodu-
lation and variable-bandwidth IF filtering (ISS),
stop station and quality detection functions, FM
stereo decoding by means of a fully-integrated,
adjustment-free dedicated PLL and, finally, FM
noise blanking. The FM stereo decoder and noise
blanker functions are realized entirely without ex-
ternal components.
The audio processor section comprises input se-
lectors for two quasi-differential external sources,
volume control, tone control (bass, mid and tre-
ble), balance and fading control to drive four out-
put channels. A soft mute function and an RDS
mute function are included to handle source
change as well as RDS AF search without abrupt
changes in the audio level.
Most of the parameters in the front-end section are
I2Cbus-driven and therefore under the control of
the car-radio maker. The I2C bus allows further-
more the user to realize the full electric alignment
of all the external coils, therefore removing the
need for hand-made or mechanical adjustments.
TQFP80
ORDERING NUMBER: TDA7513
PRELIMINARY DATA
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER
AND AUDIO PROCESSOR
PIN CONNECTION
1
2
3
5
6
4
7
8
9
10
31
11
32 33 34 35 36
75 74 73 72
70
71
69 68 67 66 65
55
54
53
51
50
52
60
59
58
56
57
AMAGC1IOUT
AMAGC1TC
AMMIX1IN2
TUNGND
VREF5V
AMMIX1IN1
FMAGCIOUT
FMMIX1IN2
RFGND
AMAGC1VOUT
FMMIX1IN1
SD
SCL
SDA
TUNEROUT
TUNERIN
FMMUTETC
MULTIPATHTC
RDSMUTE
AUDIOMUTE
SMETER
QUALITY
D03AU1527
26 27 28 29 30
76
77
78
79
80
21 22 23 24 25
49
48
46
45
47
IN1L
IN1COM
IN2R
IN2COM
IN1R
12
13
14
15
16
OSCGND
FMRFANDJ
FMANTADJ
FMWAGCIN
FMAGCVOUT
64 63 62 61
37 38 39 40
44
42
41
43
IN2L
ACLIN
ACROUT
ACLOUT
17
18
19
20
LFOUT
OSCVCC
VCOB
VCOE


Similar Part No. - TDA7513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Jun-2004
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
850Kb / 84P
Single chip FM/AM tuner with stereo decoder and audio processor
18-Apr-2007
TDA7513T STMICROELECTRONICS-TDA7513T_07 Datasheet
850Kb / 84P
Single chip FM/AM tuner with stereo decoder and audio processor
18-Apr-2007
More results

Similar Description - TDA7513

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Jun-2004
TDA7514 STMICROELECTRONICS-TDA7514 Datasheet
629Kb / 74P
SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
Jun-2005
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
15-Jan-2008
TDA7513T STMICROELECTRONICS-TDA7513T_07 Datasheet
850Kb / 84P
Single chip FM/AM tuner with stereo decoder and audio processor
18-Apr-2007
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
Single-Chip AM/FM Tuner IC for Home Stereo Systems
logo
STMicroelectronics
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
22-Jul-2009
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
Single-Chip AM/FM Tuner IC
May, 2013
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
FM stereo, FM/AM superheterodyne tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com