Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9/58
TDA7513
AGC1 (Wide AGC input = AM Mixer1 input; Narrow AGC input = AM Mixer2 input; Ultra Narrow
AGC input = AM IF2 Amp input; fWAGCin = 999kHz, fNAGCIN = 10.7MHz, fUNAGCin = 450kHz)
Mixer2 (Input at AMMIX2IN, fc = 10.7MHz, no mod)
IF2 amplifier (Input at AMIF2AMPIN, fc = 450kHz, no mod)
WAGCsp
Wide AGC
min
AMMIX1IN+ @
I(AMAGC1VOUT) = 1 uA
85
dB
µV
starting point
max
104
dB
µV
NAGCsp
NarrowAGC
min
AMMIX1IN+ @
I(AMAGC1VOUT) = 1 uA
79
dB
µV
starting point
max
97
dB
µV
UNAGCsp
Ultra Narrow
AGC
min
AMMIX1IN+ @
I(AMAGC1VOUT) = 1 uA
50
dB
µV
starting point
max
97
dB
µV
AGC1R
AGC1 filtering resistor
AMAGC1TC pin
100
K
Iout
min
AGC OFF
1
µA
max
AGC ON
0.4
mA
Vout
min
AGC ON
0.5
V
max
AGC OFF
3.38
V
AGC1VRout
AMAGC1VOUT output
resistance
23
K
Gv, max
conversion gain, no AGC
from AMMIX2IN to IFT2
secondary loaded with 2k
15
dB
Gv, min
conversion gain, full AGC
from AMMIX2IN to IFT2
secondary loaded with 2k
-7
dB
IIP3
Input 3rd order intercept point
referred to AMMIX2IN, no AGC
120
dB
µV
Rin
input resistance
AMMIX2IN w.r.t. ground
330
CIFT2
IFT2
min
Between AMMIX2OUT and gnd
0
pF
adjustment
max
24
pF
capacitor
step
1.6
pF
Gv, max
gain, no AGC
max prog
64.8
dB
62.8
61.7
60.2
58.3
55.8
min prog
53.2
∆Gv
gain decrease in full AGC
w.r.t. Gv, max
-40
dB
Rin
input resistance
AMMIX2IN w.r.t. ground
2
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com