Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
TDA7513
10/58
AGC2
Audio output (output at TUNEROUT, 2.7k
Ω load)
Field-strength Meter (Input at AMIF2AMPIN; fc = 450 kHz, no mod) (SG,emf level = V65 – 29dB)
3.2 OSCILLATORS (VCC = 8V; Tamb =25°C)
VCO
XTAL
AGC2R
AGC2 filtering
resistor
reception
150
k
seek
5
k
Vaudio
audio level
rms, 30% modulation
305
mV
FS1
FSmeter1
V(AMIF2AMPIN) = 50 dB
µV
0.7
dB
µV
FS2
FSmeter2
V(AMIF2AMPIN) = 70 dB
µV
2.1
dB
µV
FS3
FSmeter3
V(AMIF2AMPIN) = 90 dB
µV
4.2
dB
µV
FSR
FSmeter
filter resistor
min
SMETERTC pin
16.5
k
max
75
k
FFSS
Filtered
FSmeter Slider
min
0
V
max
1.5
V
step
48.4
mV
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vvco
Oscillation level
Tuning Voltage = 4V
106
108
dB
µV
C/N
Carrier to Noise ratio
∆f = 1kHz
85
dBc/Hz
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Vxtal
Oscillation level
@ XTAL gate
131
dB
µV
FXTAL
Adjustment
frequency range
min
referred to 10.25 MHz centered
condition
-4
kHz
max
+4
kHz
step
238
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com