Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics TDA7513 Datasheet HTML 52Page - STMicroelectronics TDA7513 Datasheet HTML 53Page - STMicroelectronics TDA7513 Datasheet HTML 54Page - STMicroelectronics TDA7513 Datasheet HTML 55Page - STMicroelectronics TDA7513 Datasheet HTML 56Page - STMicroelectronics TDA7513 Datasheet HTML 57Page - STMicroelectronics TDA7513 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
TDA7513
56/58
Subaddress 17: Mid
Subaddress 18: Stereo blend
1
1
110
1
1
111
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Mid Filter steps
0000
0
-15dB
0000
1
-14dB
----
-
-
0111
0
-1db
0111
1
0dB
1111
1
0dB
1111
0
1dB
-
----
-
-
1000
1
14dB
1000
0
15dB
Mid Filter center frequency
0
0
500Hz
0
1
1.0KHz
1
0
1.5KHz
1
1
2.0KHz
Mid Filter Q factor
0
1.0
1
2.0
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
VSBL
0
0
0
VSBL at 29% REF 5V
0
0
1
VSBL at 33% REF 5V
0
1
0
VSBL at 38% REF 5V
0
1
1
VSBL at 42% REF 5V
1
0
0
VSBL at 46% REF 5V
1
0
1
VSBL at 29% REF 5V
1
1
0
VSBL at 50% REF 5V
-
1
1
0
VSBL at 54% REF 5V
1
1
1
VSBL at 58% REF 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com