Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7513 Datasheet HTML 1Page - STMicroelectronics TDA7513 Datasheet HTML 2Page - STMicroelectronics TDA7513 Datasheet HTML 3Page - STMicroelectronics TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TDA7513
4/58
PIN
PIN NAME
PIN FUNCTION
41
ACROUT
ac coupling right output
42
ACLIN
ac coupling left input
43
ACLOUT
ac coupling left output
44
IN2L
audio in2 left
45
IN2COM
audio in2 common
46
IN2R
audio in2 right
47
IN1R
audio in1 right
48
IN1COM
audio in1 common
49
IN1L
audio in1 left
50
TUNERIN
am audio/fm mpx input
51
TUNEROUT
am audio/fm mpx output
52
FMMUTETC
fm muting time constant capacitor
53
SDA
I2C bus data
54
SCL
I2C bus clock
55
SD
am/fm station detector output
56
SMETER
am/fm smeter output
57
QUALITY
quality output
58
AUDIOMUTE
audio mute control
59
RDSMUTE
rds mute control
60
MULTIPATHTC
multipath detector time constant
61
FMDEMREF
fm demodulator reference capacitor
62
DEMGND
fm demodulator ground
63
SMETERTC
am/fm smeter filtering capacitor
64
AMIF2AMPREF
am if2 amp feedback capacitor
65
AMIF2AMPIN
am if2 amp input
66
AMAGC2TC
am agc2 filter capacitor
67
AMMIX2OUT
am mix2 single-ended output
68
FMMIX2IN2
fm mix2 input
69
FMMIX2IN1
fm mix2 input
70
FMIFAMP2OUT
fm if1 amp2 output
71
FMIFAMP2IN
fm if1 amp2 input
72
TUNVCC
tuner general supply (8V)
73
FMIFAMPREF
fm if1 amps reference capacitor
74
FMIFAMP1OUT
fm if1 amp1 output
75
FMIFAMP1IN
fm if1 amp1 input
76
FMNAGCIN
fm agc IF input
77
IFGND
if1 ground
78
MIX1OUT2
am/fm mix1 output
79
MIX1OUT1
am/fm mix1 output
80
IFVCC
if1 supply (8V)
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com