Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7513 Datasheet HTML 1Page - STMicroelectronics TDA7513 Datasheet HTML 2Page - STMicroelectronics TDA7513 Datasheet HTML 3Page - STMicroelectronics TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5/58
TDA7513
3.0 ELECTRICAL CHARACTERISTCS
3.1 FM (VCC = 8V; Tamb = 25°C; Vsg = 60dBµV; fc = 98.1MHz; fdev = 40kHz; fmod = 1kHz unless otherwise
specified)
General (audioprocessor all flat and stereo decoder input gain = 4dB )
Mixer1
Front-end Adjustment (VRFadj and VANTadj referred to VLFOUT)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
US
Useable sensitivity
SNR = 40dB
0
dB
µV
SNR
Signal to Noise ratio
66
dB
LS
Limiting Sensitivity
Soft Mute OFF; @
∆Vout = -3dB
-4
dB
µV
THD
Total Harmonic Distortion
fdev = 40kHz
0.1
0.3
%
fdev = 75kHz
0.15
0.5
%
Vout
Audio output level
rms
375
mV
ISN
Interstation noise
∆Vout @ RF OFF; Soft Mute OFF
-13
dB
IFCS
IF Counter sensitivity
2
10
dB
µV
Icc
DC current
OSCVcc
5.7
mA
PLLVcc
1.9
mA
DIGVcc
9.8
mA
TUNVcc
50
mA
IF1Vcc
13.4
mA
APVcc
27.3
mA
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Gv
conversion gain
from RFT secondary to IFT1
secondary loaded with 330
Ω
9dB
IIP3
3rd order intercept point
referred to RFT secondary
dB
µV
CIFT1
IFT1
adjustment
capacitor
min
Between MIXOUT+ and MIXOUT-
0
pF
max
8.25
pF
step
0.55
pF
Rin
input resistance (single
ended)
FMMIX1IN+ and FMMIX1IN- w.r.t.
gnd
10
Ω
Vantadj
min
-40
%
max
40
%
step
1.29
%
VRFadj
min
-40
%
max
40
%
step
1.29
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com