Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 11Page - STMicroelectronics TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
15/58
TDA7513
(c) = by design/characterization functionally guaranteed through dedicated test mode structure
(0) = All Thresholds are measured using a pulse with TR =2ms,THIGH = 2ms and TF = 10ms. The repetition rate must not icrease the PEAK
voltage.
1) NBT represents the Noiseblanker Byte bits D2, D0 for the noise blanker trigger threshold
2) NAT represents the Noiseblanker Byte bit pair D4, D3 for the noise controlled triggeradjustment
3) OVD represents the Noiseblanker Byte bit pair D7, D6 for the over deviation detector
4) FSC represents the Fieldstrength Byte bit pair D1, D0 for the fieldstrength control
5) BLT represents the Speaker RR Byte bit pair D7, D6 for the blanktime adjustment
6) NRD represents the Configuration-Byte bit pair D1, D0 for the noise rectifier discharge-adjustment
7) PCH represents the Stereodecoder-Byte bit D5 for the noise rectifier charge-current adjustment
8) MPNB represents the HighCut-Byte bit D7 and the Fieldstrength-Byte D7 for the noise rectifier multipath adjustment
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTRNOISE Noise Controlled
Trigger
threshold 2)
meas. with VPEAK = 1.5V
NCT = 00
( c )
260
( c )
mV
NCT = 01
( c )
220
( c )
mV
NCT = 10
( c )
180
( c )
mV
NCT = 11
( c )
140
( c )
mV
VRECT
Rectifier Voltage
VMPX = 0mV
NRD 6) = 00
0.5
0.9
1.3
V
VMPX = 50mV; f = 150KHz
1.5
1.7
2.1
V
VMPX = 200mV; f = 150KHz
2.2
2.5
2.9
V
VRECT DEV
deviation dependent
rectifier Voltage 3)
meas. with VMPX =
800mV (75KHz dev.)
OVD = 11
0.5
0.9
1.3
V
OVD = 10
0.9
1.2
1.5
V
OVD = 01
1.7
2
2.3
V
OVD = 00
2.5
2.8
3.1
V
VRECT FS Fieldstrength Controlled
Rectifier Voltage 4)
Rectifier Voltage 4)
VMPX = 0mV
VLEVEL << VSBL
(fully mono)
FSC = 11
0.5
0.9
1.3
V
FSC = 10
0.9
1.4
1.5
V
FSC = 01
1.7
1.9
2.3
V
FSC = 00
2.1
2.4
3.1
V
TS
Suppression Pulse
Duration 5)
Signal HOLDN
in Testmode
BLT = 00
38
µs
BLT = 10
32
µs
BLT = 01
25.5
µs
BLT = 00
22
µs
VRECTAD
J
Noise Rectifier
discharge adjustment 6)
Signal PEAK in
Testmode
NRD = 00 6)
( c )
0.3
( c )
V/ms
NRD = 01 6)
( c )
0.8
( c )
V/ms
NRD = 10 6)
( c )
1.3
( c )
V/ms
NRD = 11 6)
( c )
2
( c )
V/ms
SRPEAK
Noise Rectifier Charge
Signal PEAK in
Testmode
PCH = 0 7)
( c )
10
( c )
mV/
µs
PCH = 1 7)
( c )
20
( c )
mV/
µs
VADJMP
Noise Rectifier
adjustment through
Multipath 8)
Signal PEAK in
Testmode
MPNB = 00 8)
( c )
0.3
( c )
V/ms
MPNB = 00 8)
( c )
0.5
( c )
V/ms
MPNB = 00 8)
( c )
0.7
( c )
V/ms
MPNB = 00 8)
( c )
0.9
( c )
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com