Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 37Page - STMicroelectronics TDA7513 Datasheet HTML 38Page - STMicroelectronics TDA7513 Datasheet HTML 39Page - STMicroelectronics TDA7513 Datasheet HTML 40Page - STMicroelectronics TDA7513 Datasheet HTML 41Page - STMicroelectronics TDA7513 Datasheet HTML 42Page - STMicroelectronics TDA7513 Datasheet HTML 43Page - STMicroelectronics TDA7513 Datasheet HTML 44Page - STMicroelectronics TDA7513 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
41/58
TDA7513
SUBADDRESS 15: Quality Detection Multipath and Smeter test
SUBADDRESS 16: Quality Detection Deviation
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS Multipath control enabling
0
Multipath control ON
1
Multipath control OFF
ISS Multipath filter center frequncy
0
MP Bandpass frequency 19KHz
1
MP Bandpass frequency 31KHz
ISS Multipath filter input selector (test mode)
0
Smeter unfilt test OFF
1
Smeter unfilt test ON
ISS Multipath threshold
0
0
0.5V
0
1
0.75V
10
1V
1
1
1.25V
ISS mode
0
0
Application mode 1
0
1
Application mode 2
ISS Multipath control mode
0
MP control AC+ detection
1
MP control the AC and AC+ detection
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS deviation detector ime constant
0
0
0
charge current 34
µA; discharge current 6µA
0
0
1
charge current 32
µA; discharge current 8µA
0
1
0
charge current 30
µA; discharge curren10µA
1
0
0
charge current 26
µA; discharge current 14µA
1
1
1
charge current 20
µA; discharge current 20µA
ISS deviation detector thresholds
0
0
DEV Threshold for ISS narrow-wide 30KHz
0
1
DEV Threshold for ISS narrow-wide 45KHz
1
0
DEV Threshold for ISS narrow-wide 60KHz
1
1
DEV Threshold for ISS narrow-wide 75KHz
0
0
DEV Threshold for ISS filter OFF ratio 1
0
1
DEV Threshold for ISS filter OFF ratio 1.3
1
0
DEV Threshold for ISS filter OFF ratio 1.4
1
1
DEV Threshold for ISS filter OFF ratio 1.5
0
not used
1
AUX set int80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com