Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 12Page - STMicroelectronics TDA7513 Datasheet HTML 13Page - STMicroelectronics TDA7513 Datasheet HTML 14Page - STMicroelectronics TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics TDA7513 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
TDA7513
16/58
3.5 MULTIPATH AND QUALITY DETECTORS
4.0 FUNCTIONAL DESCRIPTION
4.1 FM Section
Mixer1, AGC and 1st IF
Mixer1 is a wide dynamic range stage with low noise and large input signal performance. The mixer1 tank
center frequency can be adjusted by software (IF1T). The AGC operates on different sensitivities and
bandwidths (FMAGC) in order to improve the input sensitivity and dynamic range (keyed AGC). The output
signals of AGC are controlled voltage and current for preamplifier and prestage P-I-N diode attenuator
(see Figure 5). Two 10.7MHz amplifiers (IFG1 - fixed gain - and IFG2 - programmable) correct the IF ce-
ramic insertion loss.
Mixer2, Limiter and Demodulator
In this 2nd mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-stage limiter
generates signals for the complete integrated demodulator without external tank. MPX output DC offset
compensation is possible via software.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCMP
Center Frequency of Multipath-
Bandpass
Stereodecoder locked on Pilottone
19
kHz
GBPMP
Bandpass Gain
bits D2, D1 configuration byte = 00
6
dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP Rectifier Gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0
dB
bits D7, D6 configuration byte = 11
off
ICHMP
Rectifier Charge Current
bit D5 configuration byte = 0
0.5
µA
bit D5 configuration byte = 1
1
µA
IDISMP
Rectifier Discharge Current
0.5
1
1.5
mA
A
Multipath Influence Factor
Addr. 12 / Bit 5+6
00
0.7
dB
01
0.85
dB
10
1
dB
11
1.15
dB
B
Noise Influence Factor
Addr. 16 / Bit 1+2
00
15
dB
01
12
dB
10
9
dB
11
6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com