Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 15Page - STMicroelectronics TDA7513 Datasheet HTML 16Page - STMicroelectronics TDA7513 Datasheet HTML 17Page - STMicroelectronics TDA7513 Datasheet HTML 18Page - STMicroelectronics TDA7513 Datasheet HTML 19Page - STMicroelectronics TDA7513 Datasheet HTML 20Page - STMicroelectronics TDA7513 Datasheet HTML 21Page - STMicroelectronics TDA7513 Datasheet HTML 22Page - STMicroelectronics TDA7513 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
19/58
TDA7513
strength of the narrow-band signal is higher than an internally defined threshold. The fieldstrength signal
must be low-passed to remove audio content and this is done by use of the capacitor at pin #SMETERTC
with an I2C bus programmable internal resistor. The value of the capacitor is determined for correct FM
operation; the value of the internal resistor for AM is selectable in order to make the AM time constant
suitable for AM operation.
A station detection function is provided for easy seek stop operation. The fieldstrength signal is compared
with a programmable threshold and the result (logic '1' if the current station strength is higher than the
threshold) is combined by an AND gate with the IF counter output (logic '1' if the current channel is cen-
tered within a programmable window around the desired frequency). The result is available on pin #SD for
direct connection to the microprocessor.
4.3 PLL and IF Counter Section
The IC contains a frequency synthesizer and a loop filter for the radio tuning system. Only one VCO is
required to build a complete PLL system for FM and AM upconversion. For auto search stop operation an
IF counter system is available.
PLL Frequency Synthesizer Block
The counter works in a two stages configuration. The first stage is a swallow counter with a two-modulus
(32/33) precounter. The second stage is an 11-bit programmable counter. The circuit receives the scaling
factors for the programmable counters and the values of the reference frequency via I2C bus. The refer-
ence frequency is generated by an adjustable internal (XTAL) oscillator followed by the reference divider.
The reference and step-frequencies are independently selectable (RC, PC). The phase-frequency detec-
tor outputs switches the programmable current source. The loop filter integrates the latter to a DC voltage.
The current source values is programmable with 6 bits received via I2C bus (A, B, CURRH, LPF). To min-
imize the noise induced by the digital part of the system, a special guard area is implemented. The loop
gain can be adjusted for different conditions by setting the current values of the chargepump generator.
Frequency Generation for Phase Comparison
The VCO signal is fed to a two-modulus counter (32/33) prescaler, which is controlled by a 5-bit divider
(A). A 5-bit register (PC0 to PC4) controls this divider. The output of the prescaler is connected to an 11-
bit divider (B), controlled by an 11-bit PC register (PC5 to PC15).
The following expressions relate the divider output frequency (fSYN, forced by the loop to equal the refer-
ence frequency at the phase comparator input fREF) to the VCO frequency (fVCO) and to the crystal oscil-
lator frequency (fXTAL):
fXTAL = (R+1) x fREF
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A
≤32; B ≥A
Three State Phase Comparator
The phase comparator generates a phase error signal according to phase difference between fSYN and
fREF. This phase error signal drives the charge pump current generator.
Charge Pump Current Generator
This system generates correction current pulses with a polarity and a duration dictated by the phase error
signal. The current absolute values are programmable through register A for high current and register B
for low current.
The charge pump operates in high current mode when the phase difference between between fSYN and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com