Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7513 Datasheet HTML 1Page - STMicroelectronics TDA7513 Datasheet HTML 2Page - STMicroelectronics TDA7513 Datasheet HTML 3Page - STMicroelectronics TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TDA7513
2/58
1.0 BLOCK DIAGRAM
Figure 1. TUNER SECTION
Figure 2. STEREO DECODER / AUDIO PROCESSOR SECTION
ISSTC
DEVTC
DEMGND
SD
TUNEROUT
TUNQUALITY
DIGGND
FM
AGC
VCO
FMWAGCIN
FMAGCVOUT
FMAGCIOUT
FMMIX1IN+
FMMIX1IN-
RFGND
FM
MIX1
VCOB
VCOE
OSCVCC
OSCGND
DIV
4,6,8,10
AMMIX1IN+
AMMIX1IN-
AM
MIX1
IFT1ADJ
AM
AGC1
AMAGC1VOUT
AMAGC1IOUT
AMAG1CTC
PLL
10.25M
400K
FM
FE
ADJ
LFREF
LFIN
LFHC
LFOUT
FMANTADJ
FMRFADJ
XTAL
OSC
AMP1
FM
AMP2
FM
AM
MIX2
IFT2ADJ
AMP2
AM
AM/
FM
FS
METER
450K
10.7M
FM
MIX2
AM
DEM
AM
AGC2
SMETER
FILTER
ufFS
ISS
AdjChDet
MPathDet
OverDevDet
QUALITY
fFS
ufFS
ufFS
fFS
FM
DEMOD
450K
450K
fFS
IFC
10.25M
SD
fFS
ufFS
AMP
AUDIO
AdjChDet
SoftMute
MUTE
fFS
I2C
BUS
SDAint
SCLint
ACKint
VREF5V
DIGVCC
FMMUTETC
FMDEMREF
SMETER
SLIDER
+
sfFS
5V
REF
PILOT
CANC
HIGH
CUT
Level Det
DevDet
Noise Det
IN
GAIN
ROLL-OFF
COMP
DEMOD
ST. BLEND
PILOT DETECTOR
PLL
stereo
sfFS
LEVEL
ADJUST
TUNERIN
RDSMUTE
ST. BLEND/HI CUT
CONTROL
Disch Time
Const
NOISE
BLANKER
MPATH
DET
ufFS
RDSMUTE
RDSMUTE
MPATHTC
QUALITY
DET
QUALITY
IN
GAIN
AUTO
ZERO
SOFT
MUTE
VOL
SPKR
SPKR
ACLOUT
ACLIN
OUTRL
OUTFL
SPKR
SPKR
OUTFR
OUTRR
ACRIN
ACROUT
IN
GAIN
AUTO
ZERO
IN1L
IN1R
IN1COM
IN2L
IN2R
IN2COM
AM/FM R
AM/FM L
AM/FM R
AM/FM L
mute
TREBLE
MID
BASS
I2C
BUS
SDAint
SCLint
ACKint
SDA
SCL
3V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com