Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 29Page - STMicroelectronics TDA7513 Datasheet HTML 30Page - STMicroelectronics TDA7513 Datasheet HTML 31Page - STMicroelectronics TDA7513 Datasheet HTML 32Page - STMicroelectronics TDA7513 Datasheet HTML 33Page - STMicroelectronics TDA7513 Datasheet HTML 34Page - STMicroelectronics TDA7513 Datasheet HTML 35Page - STMicroelectronics TDA7513 Datasheet HTML 36Page - STMicroelectronics TDA7513 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
33/58
TDA7513
5.0 SOFTWARE SPECIFICATIONS
5.1 ADDRESS ORGANIZATION (TUNER SECTION)
MSB
LSB
Function
Subaddr.
D7
D6
D5
D4
D3
D2
D1
D0
0STBY
Current
select
Low current
High current
Charge Pump Control and STBY
1
Lock
detenable
activation delay
Phase difference
threshold
AM/FM
fref
BYPASS
VCOadj
clockenab
PLL Lock Detector,FM mode and
tests
2
counter LSB
PLL Counter 1 (LSB)
3
counter MSB
PLL Counter 2 (MSB)
4
counter LSB
PLL Reference Counter 2 (LSB)
5
counter MSB
PLL Reference Counter 2 (MSB)
6
FM ISS DD
disable thr
@ weak FS
FM audio amp. mute
depth
FM antenna adjustment
FM Antenna Adjustment and FM
Mute Depth
7
SEEK
AM prescaler
FM RF adjustment
FM RF Adjustment, AM prescaler
and Seek
8
AM stop station
IFC
enable
∆f
IF Counter Control 1 and AM S.S.
Threshold
9
tSAMPLE
tCENTER
IF Counter Control 2 (central
frequency and sampling time)
10
counter LSB
IF Counter Reference (LSB)
11
IFC AM/FM
counter MSB
IF Counter Reference (MSB) and
IF Counter Mode Select
12
AMUNAGC
AMIF2amp
AM Ultra Narrow AGC Thresh.,
AM IF2 Amplifier Gain, FM
SoftMute Enable and AC test
test
ACmute
FM SMut
enable
13
MPQUAL
test
FM demod noise
blanker
FM demodulator fine adjust
FM demodulator Adjust, FM
demod noise blanker and MPtest
AM
Smeter
extens
14
ISS AC narrowband
threshold
ISS AC wideband threshold
ISS AC
gain
ISS AC
HP/BP
ISS
30KHz on
Quality Detection Adjacent
Channel
15
ISS MP
defeat AC
ISS mode
ISS MP threshold
test Smet
unfiltered
ISS MP
center
ISS MP
ctrl on
Quality Detection Multipath
16
0
ISS DD off threshold
ISS DD narrow/wide
threshold
ISS DD time constant
Quality Detection Deviation
17
ISS center
ISS time constant
ISS 80/
120
ISS on
ISS
enable
Quality ISS Filter
18
SO mode
ISS MP gain
VCO adj
start
test PLL
PLL test, 456KHz VCO
adiustment start (auto mode)
19
Manual/
auto
Manual VCO frequency
man
SET 456
man
ENIFC
456KHz VCO adjustment
(manual mode)
20
FM stop station
FM soft mute
FM Stop Station and soft
Mute Thresholds
21
AC QUAL
test
AdjChan mute clamp
AdjChan mute gain
Adjacent mute gain,
clamping threshold and test
22
AM Smeter filter TC
FMSmslider
FM Smeter slider and AM
Smeter filter Time Constant
23
IFT2 adjust
IFT1 adjust
IFT1 adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com