Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 45Page - STMicroelectronics TDA7513 Datasheet HTML 46Page - STMicroelectronics TDA7513 Datasheet HTML 47Page - STMicroelectronics TDA7513 Datasheet HTML 48Page - STMicroelectronics TDA7513 Datasheet HTML 49Page - STMicroelectronics TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics TDA7513 Datasheet HTML 52Page - STMicroelectronics TDA7513 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
49/58
TDA7513
5.4 SUBADDRESS ORGANIZATION (STEREODECODER AND AUDIOPROCESSOR SECTION)
SUBADDRESS 0: Source selector, in-gain, Speaker coupling
Subaddress 1,4,5,6,7: Volume Spkr atten. LF, RF, LR, RR
all other combinations not allowed
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Source Selector
0
0
0
Quasi-differential input 1
0
0
1
Quasi-differential input 2
0
1
0
not used (mute)
0
1
1
Turner input (AM mode)
1
0
0
Turner input (FM mode)
1
0
1
not used (mute)
1
1
0
not used (mute)
1
1
1
not used (mute)
In-Gain
0
000
0dB
0
0
0
1
1dB
--
--
-
1
1
1
0
14dB
1
1
1
1
15dB
Speaker Coupling
0
AC (external)
1
DC (internal)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Volume steps
1
0
00111
1
15dB
---
--
-
-
-
-
1
0
00000
1
1dB
0
0
00000
0
0dB
0
0
00000
1
-1dB
---
--
-
-
-
-
0
0
00111
1
-15dB
0
0
01000
0
-15dB
---
--
-
-
-
-
0
1
00111
0
-78dB
0
1
00111
1
-79dB
X
1
1
XXXX
X
mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com