Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 48Page - STMicroelectronics TDA7513 Datasheet HTML 49Page - STMicroelectronics TDA7513 Datasheet HTML 50Page - STMicroelectronics TDA7513 Datasheet HTML 51Page - STMicroelectronics TDA7513 Datasheet HTML 52Page - STMicroelectronics TDA7513 Datasheet HTML 53Page - STMicroelectronics TDA7513 Datasheet HTML 54Page - STMicroelectronics TDA7513 Datasheet HTML 55Page - STMicroelectronics TDA7513 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
TDA7513
52/58
Subaddress 9: Stereo decoder mute, st. dec. in-gain, mono, NB PEAK disch, Curr., pilot thresh,
deemph
Subaddress 10: Noise blanker
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Stereo Decoder Mute
0
high-ohmic mute, pilot hold, multipath time constant
short ENABLED (mute set by pin RDS mute LOW)
1
high-ohmic mute, pilot hold, multipath time constant
short DISABLED (regardless of pin RDS mute)
Stereo Decoder In-gain
11
0dB
1
0
2.5dB
01
4dB
0
0
5.5dB
Auto Zero Status
0
disabled
1
enabled; trans. 0
≥ 1 performs Autozero sequence
Force MONO
0ON
1
OFF (automatic MONO/STEREO switch)
Noise PEAK discharge current
0low
1
High
Pilot Threshold
0low
1
High
Demphasis
050
µs
175
µs
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Low threshold
0
0
0
65mV
0
0
1
60mV
--
-
-
1
1
1
30mV
Noise controlled threshold
0
0
320mV
0
1
260mV
1
0
200mV
1
1
140mV
Noise Blanker operation
0
OFF
1ON
Overdeviation adjustment
0
0
2.8V
0
1
2.0V
1
0
1.2V
1
1
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com