Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7513
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7513 Datasheet HTML 2Page - STMicroelectronics TDA7513 Datasheet HTML 3Page - STMicroelectronics TDA7513 Datasheet HTML 4Page - STMicroelectronics TDA7513 Datasheet HTML 5Page - STMicroelectronics TDA7513 Datasheet HTML 6Page - STMicroelectronics TDA7513 Datasheet HTML 7Page - STMicroelectronics TDA7513 Datasheet HTML 8Page - STMicroelectronics TDA7513 Datasheet HTML 9Page - STMicroelectronics TDA7513 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
TDA7513
6/58
AGC (wide AGC input connected to RFT primary through 10pF and 1K
Ω)
IF Amplifier 1 (Input at FMIFAMP1IN, fc = 10.7MHz, no mod) (Output at FMIFAMP1OUT loaded with
330
Ω) (antenna level = FMIFAMP1IN – 31dB)
IF Amplifier 2 (Input at FMIFAMP2IN, fc = 10.7MHz, no mod) (Output at FMIFAMP2OUT loaded with
330
Ω) (antenna level = FMIFAMP2IN – 45dB)
Gain MUST BE SET to 14dB for ISS operation.
WAGCsp
Wide AGC starting point
VRFTprimary @ I(FMAGCOUT) =
5
µA
84
dB
µV
WAGCRin
FMWAGCIN input resistance
125
NAGCsp
Narrow AGC starting point (max
sensitivity)
VRFTprimary @ I(FMAGCOUT) =
5
µA; Keyed AGC OFF
95
dB
µV
KNAGCsp
Keyed narrow AGC starting
point (min sensitivity)
VRFTprimary @ I(FMAGCOUT) =
5
µA; Keyed AGC ON;
V(SMETERTC)<0.9V
109
dB
µV
NAGCRin
FMNAGCIN input resistance
10
K
KAGCTH
high
Smeter for
Keyed narrow
AGC maximum
sensitivity
minimum
programming
V(SMETERTC) @ narrow AGC
starting point = NAGCsp
0.9
V
maximum
programming
2.5
V
KAGCTH
low
Smeter for
Keyed narrow
AGC minimum
sensitivity
minimum
programming
V(SMETERTC) @ narrow AGC
starting point = KNAGCsp
1.6
V
maximum
programming
3.2
V
Iout
min
AGC OFF
0.1
µA
max
AGC ON
8
mA
Vout
min
AGC ON
0.1
0.5
V
max
AGC OFF
Vcc-
0.5
V
AGCVRout
FMAGCVOUT output
resistance
100
K
G
Gain
18
dB
IIP3
3rd order intercept point
referred to FMIFAMP1IN
126
dB
µV
Rin
input resistance (single-ended)
FMIFAMP1IN w.r.t. gnd
330
Rout
output resistance
330
G
minimum gain
programmable gain
6
dB
8dB
10
dB
maximum gain
14
dB
IIP3
Input 3rd order intercept point
referred to FMIFAMP2IN, G =
8dB
134
dB
µV
Rin
input resistance (single-ended)
FMIFAMP2IN to gnd
330
Rout
output resistance
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com